Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP628 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP628
Description  Programmable Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP628 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP628 Datasheet HTML 1Page - Toshiba Semiconductor TLP628 Datasheet HTML 2Page - Toshiba Semiconductor TLP628 Datasheet HTML 3Page - Toshiba Semiconductor TLP628 Datasheet HTML 4Page - Toshiba Semiconductor TLP628 Datasheet HTML 5Page - Toshiba Semiconductor TLP628 Datasheet HTML 6Page - Toshiba Semiconductor TLP628 Datasheet HTML 7Page - Toshiba Semiconductor TLP628 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP628,TLP628
−2,TLP628−4
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP628,TLP628−2,TLP628−4
Programmable Controllers
DC−Output Module
Telecommunication
The TOSHIBA TLP628, −2, and −4 consists of a gallium arsenide
infrared emitting diode optically coupled to a phototransistor which has
a 350V high voltage of collector−emitter breakdown voltage.
The TLP628−2 offers two isolated channels in a eight lead plastic
DIP package, while the TLP628−4 provide four isolated channels per
package.
• Collector−emitter voltage: 350 V (min.)
• Current transfer ratio: 50% (min.)
• Isolation voltage: 5000Vrms (min.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065:2002, certificate no.7426
BS EN60950-1:2002, certificate no.7427
Pin Configurations (top view)
TLP628
1
2
4
3
1: Anode
2: Cathode
3: Emitter
4: Collector
TLP628-2
1
2
4
3
5
6
7
8
1, 3: Anode
2, 4: Cathode
5, 7: Emitter
6, 8: Collector
TLP628-4
1
2
4
3
5
6
7
8
9
10
11
12
13
14
15
16
1, 3, 5, 7: Anode
2, 4, 6, 8: Cathode
9, 11, 13, 15: Emitter
10, 12, 14, 16: Collector
TOSHIBA
11−5B2
Weight: 0.26g
TOSHIBA
11−10C4
Weight: 0.54g
TOSHIBA
11−20A3
Weight: 1.1g
Unit in mm


Similar Part No. - TLP628

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628-2 TOSHIBA-TLP628-2 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
logo
List of Unclassifed Man...
TLP628-3 ETC1-TLP628-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
logo
Toshiba Semiconductor
TLP628-4 TOSHIBA-TLP628-4 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results

Similar Description - TLP628

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
PROGRAMMABLE CONTROLLERS
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
Programmable Controllers
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
Programmable Controllers
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
Programmable Controllers
logo
Omron Electronics LLC
CQM1 OMRON-CQM1 Datasheet
2Mb / 158P
CQM1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com