Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS000P Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFS000P
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFS000P Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFS000P Datasheet HTML 1Page - Balluff Korea Ltd. BFS000P Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BFS 6K-UI-L02-S75
Order Code: BFS000P
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-07
Subject to change without notice: 291948
ETIM 6.0: EC001817
BFS000P_0.3_2025-03-27
1 / 2
1) Output function, 2) Operating voltage, 3) Sn, light/dark, 4) Optical axis receiver, 5) Optical axis emitter
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Operating mode
SIO Mode
IO-Link Mode
Principle of operation
Color sensor
Series
6K
Style
Square
Connection 90°
Display/Operation
Adjuster
button
Display
Output function- LED yellow
supply voltage - LED green
Setting
Color detection
further parameters via IO-Link
Electrical connection
Connection
Connector, M8x1-Male, 4-pin
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Input function
Key disable on/off
Same function as button
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
10 %
Switching frequency
2.5 kHz
Turn-off delay toff max.
0.2 ms
Turn-on delay ton max.
0.2 ms
Voltage drop Ud max. at Ie
3.5 V
Environmental conditions
Ambient temperature
-20...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
IP rating
IP67, IP69
Storage temperature
-20...80 °C
Functional safety
MTTF (40 °C)
8760 a
IO-Link
IO-Link Profil IDs
0x4000 Identification and
Diagnosis
IO-Link function classes
0x8101 Locator
n


Similar Part No. - BFS000P

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFS0001 BALLUFF-BFS0001 Datasheet
123Kb / 3P
Photoelectric Sensors
2024-10-10
BFS000M BALLUFF-BFS000M Datasheet
102Kb / 2P
Photoelectric Sensors
2024-10-16
More results

Similar Description - BFS000P

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com