Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS000P Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BFS000P
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFS000P Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BFS000P Datasheet HTML 1Page - Balluff Korea Ltd. BFS000P Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BFS 6K-UI-L02-S75
Order Code: BFS000P
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-07
Subject to change without notice: 291948
ETIM 6.0: EC001817
BFS000P_0.3_2025-03-27
2 / 2
Interface
Baud rate
COM2 (38.4 kBaud)
Interface
IO-Link-Device 1.1.3
Process data IN
1 byte
Process data OUT
1 byte
Switching output
Push-Pull/IO-Link NO/NC
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Focused
LED group per IEC 62471
Exempt Group
Light spot size
1 x 5 mm at 12 mm
Light type
LED RGB
Principle of optical operation
Diffuse sensor
Switching function, optical
Light/dark switching
Wave length
633 nm
525 nm
460 nm
Range/Distance
Range
9...15 mm
Rated operating distance Sn
12 mm
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com