Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP621 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor TLP621 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
7
TLP621
IF – Ta
Ambient temperature Ta (°C)
0
-20
80
40
20
0
20
40
60
80
100
60
100
120
TLP621-2
TLP621-4
IF – Ta
Ambient temperature Ta (°C)
100
0
-20
60
40
0
20
40
60
80
100
80
20
120
TLP621
PC – Ta
Ambient temperature Ta (°C)
240
-20
40
160
0
60
100
120
0
80
200
120
20
40
80
TLP621-2
TLP621-4
PC – Ta
Ambient temperature Ta (°C)
120
0
-20
40
0
40
100
80
60
20
20
60
80
100
120
TLP621
IFP – DR
Duty cycle ratio DR
3000
10
3
10-3
10-2
10-1
3
30
300
100
1000
500
50
3
3
100
Pulse width ≤ 100μs
Ta = 25°C
TLP621-2
TLP621-4
IFP – DR
Duty cycle ratio DR
3000
1000
500
300
100
50
30
10
3
10-3
3
10-2
3
100
Pulse width ≤ 100μs
Ta = 25°C
10-1
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com