Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP621 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor TLP621 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
9
IC / IF – IF
Forward current IF (mA)
500
300
100
50
30
10
5
0.3
1
3
10
30
100
Ta = 25°C
VCE = 5V
VCE = 0.4V
Sample B
Sample A
VCE (sat) – Ta
Ambient temperature Ta (°C)
-20
0
20
40
60
80
100
0.20
0.16
0.12
0.08
0.04
0
IF = 5mA
IC = 1mA
Switchingtime – RL
Load resistance RL (kΩ)
1000
500
300
30
100
50
10
1
3
10
30
100
300
5
3
1
Ta = 25°C
IF = 16mA
VCC = 5V
tOFF
ts
tON
IC – IF
Forward current IF (mA)
100
50
30
10
5
3
0.5
0.3
1
3
10
30
100
Sample A
Sample B
1
0.3
0.1
0.05
0.03
Ta = 25°C
VCE = 5V
VCE = 0.4V
IC – Ta
Ambient temperature Ta (°C)
100
50
30
1
-20
0
20
40
80
100
25mA
10mA
5mA
1mA
IF = 0.5mA
10
5
3
0.5
0.3
0.1
60
VCE = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com