Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP571 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP571
Description  Programmable Controllers AC / DC−Input Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP571 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP571 Datasheet HTML 1Page - Toshiba Semiconductor TLP571 Datasheet HTML 2Page - Toshiba Semiconductor TLP571 Datasheet HTML 3Page - Toshiba Semiconductor TLP571 Datasheet HTML 4Page - Toshiba Semiconductor TLP571 Datasheet HTML 5Page - Toshiba Semiconductor TLP571 Datasheet HTML 6Page - Toshiba Semiconductor TLP571 Datasheet HTML 7Page - Toshiba Semiconductor TLP571 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP570,TLP571
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP570,TLP571
Programmable Controllers
AC / DC−Input Module
Solid State Relay
The TOSHIBA TLP570 and TLP571 consist of a darlington connected
photo−transistor optically coupled to a gallium arsenide infrared
emitting diode in a six lead plastic DIP package.
TLP570 is no−base internal connection for high−EMI environments.
Collector−emitter voltage: 35V (min.)
Current transfer ratio: 1000% (min.)
Isolation voltage: 2500Vrms (min.)
UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
Unit in mm
TOSHIBA
11−7A8


Similar Part No. - TLP571

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP571 TOSHIBA-TLP571 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
More results

Similar Description - TLP571

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
Programmable Controllers AC/DC−Input Module Solid State Relay
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
TLP561G TOSHIBA-TLP561G_07 Datasheet
174Kb / 6P
Triac Driver Programmable Controllers AC−Output Module
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com