Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT4053AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HCT4053AF
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT4053AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HCT4053AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC74HCT4053AF/AFN/AFT
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VEE (V) VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level control
input voltage
VIHC
4.5 to 5.5
9.0
2.0
2.5
⎯
⎯
⎯
⎯
2.0
2.5
⎯
⎯
V
Low-level control
input voltage
VILC
4.5 to 5.5
9.0
⎯
⎯
⎯
⎯
0.8
0.8
⎯
⎯
0.8
0.8
V
VIN = VILC or VIHC
VI/O = VCC to VEE
II/O ≤ 2 mA
GND
−4.5
−5.5
GND
4.5
4.5
5.5
9.0
⎯
⎯
⎯
⎯
85
55
50
55
180
120
110
120
⎯
⎯
⎯
⎯
225
150
140
150
ON resistance
RON
VIN = VILC or VIHC
VI/O = VCC or VEE
II/O ≤ 2 mA
GND
−4.5
−5.5
GND
4.5
4.5
5.5
9.0
⎯
⎯
⎯
⎯
70
50
45
50
150
100
90
100
⎯
⎯
⎯
⎯
190
125
115
125
Ω
Difference of ON
resistance between
switches
ΔRON
VIN = VILC or VIHC
VI/O = VCC to VEE
II/O ≤ 2 mA
GND
−4.5
−5.5
4.5
4.5
5.5
⎯
⎯
⎯
10
5
5
30
12
11
⎯
⎯
⎯
35
15
14
Ω
Input/output leakage
current (switch OFF)
IOFF
VOS = VCC or GND
VIS = GND or VCC
VIN = VILC or VIHC
GND
−5.5
5.5
5.5
⎯
⎯
⎯
⎯
±60
±100
⎯
⎯
±600
±1000
nA
Switch input leakage
current (switch ON)
IIZ
VOS = VCC or GND
VIN = VILC or VIHC
GND
−5.5
5.5
5.5
⎯
⎯
⎯
⎯
±60
±100
⎯
⎯
±600
±1000
nA
Control input current
IIN
VIN = VCC or GND
GND
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
ICC
VIN = VCC or GND
GND
−5.5
5.5
5.5
⎯
⎯
⎯
⎯
4.0
8.0
⎯
⎯
40.0
80.0
μA
Quiescent supply
current
IC
Per input:
VIN = 0.5 V or 2.4 V
Other input:
VCC or GND
GND
5.5
⎯
⎯
2.0
⎯
2.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com