Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT4053AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HCT4053AF
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT4053AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HCT4053AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 10Page - Toshiba Semiconductor TC74HCT4053AF Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74HCT4053AF/AFN/AFT
2007-10-01
7
Switching Characteristics Test Circuits
1. tpLZ, tpHZ, tpZL, tpZH
2. Cross Talk (control input
− switch output)
fIN = 1 MHz duty = 50% tr = tf = 6 ns
3. Feedthrough Attenuation
4. CIOS, CIS, COS
3 V
GND
VOH
VOL
VOH
VOL
90%
tpHZ
tpLZ
10%
tpZL
tpZH
1.3 V
1.3 V
1.3 V
90%
10%
VC
VO/I
(S1 = VCC, S2 = GND)
VO/I
(S1 = GND, S2 = VCC)
6 ns
6 ns
1 k
Ω
S2
GND
VEE
VCC
C
S1
from
P.G
O/I
I/O
VCC
VCC
GND
from
P.G
−VCC
GND
VEE
VCC
C
O/I
I/O
VCC
0.1
μF
VIN
GND
VEE
VCC
C
O/I
I/O
VCC
(COMMON)
(SWITCH)
CIOS
GND
VEE
VCC
C
O/I
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com