Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339DBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # LM339DBLE
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339DBLE Datasheet(HTML) 5 Page - Texas Instruments

  LM339DBLE Datasheet HTML 1Page - Texas Instruments LM339DBLE Datasheet HTML 2Page - Texas Instruments LM339DBLE Datasheet HTML 3Page - Texas Instruments LM339DBLE Datasheet HTML 4Page - Texas Instruments LM339DBLE Datasheet HTML 5Page - Texas Instruments LM339DBLE Datasheet HTML 6Page - Texas Instruments LM339DBLE Datasheet HTML 7Page - Texas Instruments LM339DBLE Datasheet HTML 8Page - Texas Instruments LM339DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
LM139
,, LM139A,, LM239,, LM239A
LM339, LM339A, LM2901, LM2901AV, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006N – OCTOBER 1979 – REVISED NOVEMBER 2006
at specified free-air temperature, V
CC = 5 V (unless otherwise noted)
LM139
LM139A
PARAMETER
TEST CONDITIONS(1)
TA(2)
UNIT
MIN
TYP MAX
MIN
TYP MAX
VCC = 5 V to 30 V,
25
°C
2
5
1
2
VIO
Input offset voltage
VIC = VICR min,
mV
Full range
9
4
VO = 1.4 V
25
°C
3
25
3
25
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
100
25
°C
–25 –100
–25 –100
IIB
Input bias current
VO = 1.4 V
nA
Full range
–300
–300
0 to
0 to
25
°C
VCC – 1.5
VCC – 1.5
Common-mode
VICR
V
input-voltage range
0 to
0 to
Full range
VCC – 2
VCC – 2
Large-signal
VCC+ = ±7.5 V,
AVD
differential-voltage
25
°C
200
50
200
V/mV
VO = –5 V to 5 V
amplification
VOH = 5 V
25
°C
0.1
0.1
nA
IOH
High-level output current
VID = 1 V
VOH = 30 V
Full range
1
1
µA
25
°C
150
400
150
400
VOL
Low-level output voltage
VID = –1 V,
IOL = 4 mA
mV
Full range
700
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
25
°C
6
16
6
16
mA
Supply current
ICC
VO = 2.5 V,
No load
25
°C
0.8
2
0.8
2
mA
(four comparators)
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
Full range (MIN to MAX) for LM139 and LM139A is –55
°C to 125°C. All characteristics are measured with zero common-mode input
voltage, unless otherwise specified.
V
CC = 5 V, TA = 25°C
LM139
LM139A
PARAMETER
TEST CONDITIONS
UNIT
TYP
100-mV input step with 5-mV overdrive
1.3
RL connected to 5 V through 5.1 kΩ,
Response time
µs
CL = 15 pF(1)(2)
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com