Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339DBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # LM339DBLE
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339DBLE Datasheet(HTML) 1 Page - Texas Instruments

  LM339DBLE Datasheet HTML 1Page - Texas Instruments LM339DBLE Datasheet HTML 2Page - Texas Instruments LM339DBLE Datasheet HTML 3Page - Texas Instruments LM339DBLE Datasheet HTML 4Page - Texas Instruments LM339DBLE Datasheet HTML 5Page - Texas Instruments LM339DBLE Datasheet HTML 6Page - Texas Instruments LM339DBLE Datasheet HTML 7Page - Texas Instruments LM339DBLE Datasheet HTML 8Page - Texas Instruments LM339DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN−
2IN+
1IN−
1IN+
OUT3
OUT4
GND
4IN+
4IN−
3IN+
3IN−
LM139, LM139A . . . D, J, OR W PACKAGE
LM239 . . . D, N, OR PW PACKAGE
LM239A . . . D PACKAGE
LM339, LM339A . . . D, DB, N, NS, OR PW PACKAGE
LM2901 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN+
NC
4IN−
VCC
NC
2IN−
NC
2IN+
LM139, LM139A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
The LM139 and LM139A are characterized for operation over the full military temperature range of –55
°C to
LM139
,, LM139A,, LM239,, LM239A
LM339, LM339A, LM2901, LM2901AV, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006N – OCTOBER 1979 – REVISED NOVEMBER 2006
• Single Supply or Dual Supplies
• Wide Range of Supply Voltage:
–
Max Rating . . . 2 V to 36 V
–
Tested to 30 V . . . Non-V Devices
–
Tested to 32 V . . . V-Suffix Devices
• Low Supply-Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
• Low Input Bias Current . . . 25 nA Typ
• Low Input Offset Current . . . 3 nA Typ (LM139)
• Low Input Offset Voltage . . . 2 mV Typ
• Common-Mode Input Voltage Range Includes
Ground
• Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . .
±36 V
• Low Output Saturation Voltage
• Output Compatible With TTL, MOS, and CMOS
INFORMATION
These devices consist of four independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.
Operation from dual supplies also is possible, as
long as the difference between the two supplies is
2 V to 36 V, and VCC is at least 1.5 V more positive
than the input common-mode voltage. Current drain
is independent of the supply voltage. The outputs
can be connected to other open-collector outputs to
achieve wired-AND relationships.
125
°C. The LM239 and LM239A are characterized for operation from –25°C to 125°C. The LM339 and LM339A
are characterized for operation from 0
°C to 70°C. The LM2901, LM2901AV, and LM2901V are characterized for
operation from –40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1979–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - LM339DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339DBLE TI-LM339DBLE Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM339DBLE TI-LM339DBLE Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM339DBLE TI1-LM339DBLE Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM339DBLE TI-LM339DBLE Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM339DBLE TI1-LM339DBLE Datasheet
1Mb / 37P
Quad Differential Comparators
More results

Similar Description - LM339DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139 Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
Quad Differential Comparators
logo
Texas Instruments
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
Quad Differential Comparators
LM139A-MIL TI1-LM139A-MIL Datasheet
477Kb / 19P
Quad Differential Comparators
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com