Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08G03 Datasheet(PDF) 2 Page - Astec America, Inc

Part # APC08G03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08G03 Datasheet(HTML) 2 Page - Astec America, Inc

  APC08G03 Datasheet HTML 1Page - Astec America, Inc APC08G03 Datasheet HTML 2Page - Astec America, Inc APC08G03 Datasheet HTML 3Page - Astec America, Inc APC08G03 Datasheet HTML 4Page - Astec America, Inc APC08G03 Datasheet HTML 5Page - Astec America, Inc APC08G03 Datasheet HTML 6Page - Astec America, Inc APC08G03 Datasheet HTML 7Page - Astec America, Inc APC08G03 Datasheet HTML 8Page - Astec America, Inc APC08G03 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 2 OF 23
OCTOBER 4, 2004 - REVISION 03
APC08 SERIES
THIS SPECIFICATION COVERS THE REQUIREMENTS
For A New 1.3" X 0.53" X 0.33”(H) Maximum 28W Single Output High efficiency Non-Isolated SMT DC-DC Converter
MODEL NAME
Vin nominal/
Vin range
Vout/Iout
APC08J03
3.3V / 1.8-6.0V
0.9V, 8A
APC08K03
3.3V / 1.8-6.0V
1.2V, 8A
APC08M03
3.3V / 1.8-6.0V
1.5V, 8A
APC08Y03
3.3V / 2.2-6.0V
1.8V, 8A
APC08G03
3.3V / 3.0-6.0V
2.5V, 8A
APC08F03
5.0V / 4.0-6.0V
3.3V, 8A
APC08J08
8V / 5.0-12.0V
0.9V, 8A
APC08K08
8V / 5.0-12.0V
1.2V, 8A
APC08M08
8V / 5.0-12.0V
1.5V, 8A
APC08Y08
8V / 5.0-12.0V
1.8V, 8A
APC08G08
8V / 5.0-12.0V
2.5V, 8A
APC08F08
8V / 5.0-12.0V
3.3V, 8A
APC05A08
8V / 5.0-12.0V
5V, 5A
APC04S08
8V / 5.0-12.0V
6V, 4A
Options (suffix):
"-9"
= Trim
"-9MA" = Trim with Power Good and Active Current Share
"-J"
= Jedec tray-type packaging
“W”
= Improved Loop Bandwidth / Transient Response (only for APC08x03 series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com