Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08G03 Datasheet(PDF) 21 Page - Astec America, Inc

Part # APC08G03
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08G03 Datasheet(HTML) 21 Page - Astec America, Inc

Back Button APC08G03 Datasheet HTML 15Page - Astec America, Inc APC08G03 Datasheet HTML 16Page - Astec America, Inc APC08G03 Datasheet HTML 17Page - Astec America, Inc APC08G03 Datasheet HTML 18Page - Astec America, Inc APC08G03 Datasheet HTML 19Page - Astec America, Inc APC08G03 Datasheet HTML 20Page - Astec America, Inc APC08G03 Datasheet HTML 21Page - Astec America, Inc APC08G03 Datasheet HTML 22Page - Astec America, Inc APC08G03 Datasheet HTML 23Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 21 OF 23
OCTOBER 4, 2004 - REVISION 03
RECOMMENDED REFLOW PROFILE
0
20
40
60
80
100
120
140
160
180
200
220
240
0
30
60
90
120
150
180
210
240
270
300
TIME (seconds)
PRE-HEAT ZONE
120 - 180 sec
REFLOW
ZONE
< 80 sec
110
°C
183
°C
PEAK TEMPERATURE
200
°C - 230°C
SLOPE
< 4
°C /sec
RECOMMENDED LOCATION FOR PICK AND PLACE
The flat top surface of the large inductor (topside of the board) provides a versatile and convenient way of picking up the
module (see Figure 46). A 6-7mm outside diameter nozzle from a conventional SMD machine is recommended to attain
maximum vacuum pick-up. Nozzle travel and rotation speed should be controlled to prevent this off-centered picked-up
module from falling off the nozzle. The use of vision recognition systems for placement accuracy will be very helpful.
REFLOW NOTES / RECOMMENDATIONS
1.
Refer to the recommended Reflow Profile per
Figure 47. Profile parameters exceeding the
recommended maximums may result to
permanent damage to the module.
2.
The module is recommended for topside
reflow process to the host card. For other
orientations, contact factory.
3.
In the event that the module needs to be
desoldered from the host card, some pins
may be detached from the module.
MODULE MARKINGS / LABELS
Marking shall be permanent and legible.
Please refer to Figure 48 for the module
marking/ label detail.
Note 1
MMM
Model No
FFF
Option
Note 2
YYWW
Year / Work Week
D
Day of Week
PP
nth Panel of the day
LL
Location in the panel
Note 3: Barcode
6 & 7 characters / line
Code 128, 32CPI
0.070" Height
Figure 48. Module Label
APC08MMMFFF
YYWWDPPLL
¨
¨
¨
Figure 47. Recommended Reflow Profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com