Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD06 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASD06
Description  Isolated and Regulated 5-6 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD06 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASD06 Datasheet HTML 1Page - Astrodyne Corporation ASD06 Datasheet HTML 2Page - Astrodyne Corporation ASD06 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
a s d 0 6 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
MECHaNICaL dIMENsIONs
NOTE: Pin Size is 0.02” Inch (0.5mm) DIA
All Dimensions In Inches (mm)
Tolerance .xx = +/-0.02, .xxx = +/- 0.010
Pin #
single Outputs
dual Outputs
1
No Pin
No Pin
2
- Input
- Input
3
- Input
- Input
5
No Pin
No Pin
9
NC
Common
10
NC
NC
11
NC
- Output
12
No Pin
No Pin
13
No Pin
No Pin
14
+ Output
+ Output
15
NC
NC
16
- Output
Common
22
+ Input
+ Input
23
+ Input
+ Input
24
No Pin
No Pin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com