Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD06 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD06
Description  Isolated and Regulated 5-6 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD06 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD06 Datasheet HTML 1Page - Astrodyne Corporation ASD06 Datasheet HTML 2Page - Astrodyne Corporation ASD06 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
a s d 0 6 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
24-Pin DIP Package
Wide 2:1 Input Range
1500V Isolation
Short Circuit Protection
High Efficiency
Input PI Filter
Model Number
Output Voltage
Output mamps
Input Range
Efficiency
sINGLE OUTPUT
ASD06-12S3
3.3 VDC
1000
9-18 VDC
70%
ASD06-24S3
1000
18-36 VDC
70%
ASD06-48S3
1000
36-72 VDC
70%
ASD06-12S5
5 VDC
1000
9-18 VDC
76%
ASD06-24S5
1000
18-36 VDC
78%
ASD06-48S5
1000
36-72 VDC
78%
ASD06-12S12
12 VDC
470
9-18 VDC
80%
ASD06-24S12
470
18-36 VDC
82%
ASD06-48S12
470
36-72 VDC
81%
ASD06-12S15
15 VDC
400
9-18 VDC
80%
ASD06-24S15
400
18-36 VDC
82%
ASD06-48S15
400
36-72 VDC
81%
dUaL OUTPUT
ASD06-12D5
+/-5 VDC
+/-500
9-18 VDC
76%
ASD06-24D5
+/-500
18-36 VDC
78%
ASD06-48D5
+/-500
36-72 VDC
78%
ASD06-12D12
+/-12 VDC
+/-230
9-18 VDC
80%
ASD06-24D12
+/-230
18-36 VDC
81%
ASD06-48D12
+/-230
36-72 VDC
81%
ASD06-12D15
+/-15 VDC
+/-190
9-18 VDC
80%
ASD06-24D15
+/-190
18-36 VDC
81%
ASD06-48D15
+/-190
36-72 VDC
81%
Unit measures 0.8”W x 1.25”L x 0.5”H
Order On-Line!
astrodyne.com


Similar Part No. - ASD06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD06-12D12 ASTRODYNE-ASD06-12D12 Datasheet
192Kb / 3P
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06-12D15 ASTRODYNE-ASD06-12D15 Datasheet
192Kb / 3P
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06-12D5 ASTRODYNE-ASD06-12D5 Datasheet
192Kb / 3P
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06-12S12 ASTRODYNE-ASD06-12S12 Datasheet
192Kb / 3P
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06-12S15 ASTRODYNE-ASD06-12S15 Datasheet
192Kb / 3P
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
More results

Similar Description - ASD06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD05 ASTRODYNE-ASD05 Datasheet
412Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05 Datasheet
368Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05 Datasheet
177Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06_16 Datasheet
192Kb / 3P
Isolated and Regulated 5-6 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05_16 Datasheet
149Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05_16 Datasheet
388Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com