Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD35 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD35
Description  5V Input 3 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD35 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD35 Datasheet HTML 1Page - Astrodyne Corporation ASD35 Datasheet HTML 2Page - Astrodyne Corporation ASD35 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5V Input 3 WATT Modular DC/DC Converters
A S D 3 5 series
24-Pin DIP Package
5 Volt Input
500 or 1500V Isolation
Short Circuit Protection
High Efficiency
Input PI Filter
Model Number
Output Voltage
Output mAmps
Input Range
Efficiency
SINGLE OUTPUT
ASD35-5S3(H or M)*
3.3 VDC
600
4.5-6.0 VDC
64.00%
ASD35-5S5(H or M)*
5 VDC
600
4.5-6.0 VDC
70.00%
ASD35-5S12(H or M)*
12 VDC
250
4.5-6.0 VDC
75.00%
ASD35-5S15(H or M)*
15 VDC
200
4.5-6.0 VDC
75.00%
DUAL OUTPUT
ASD35-5D5(H or M)*
+/-5 VDC
+/-300
4.5-6.0 VDC
70.00%
ASD35-5D12(H or M)*
+/-12 VDC
+/-125
4.5-6.0 VDC
75.00%
ASD35-5D15(H or M)*
+/-15 VDC
+/-100
4.5-6.0 VDC
75.00%
Unit measures 0.8”W x 1.25”L x 0.4”H
* Specifying “H” or “M” designates a choice of Pinouts (Please see Mechanical Specifications) and a choice of
500VDC Isolation (“M” Version) or 1500VDC Isolation (“H” Version).
Order On-Line!
astrodyne.com
“H” versions only


Similar Part No. - ASD35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD35 ETC2-ASD35 Datasheet
521Kb / 3P
5V Input 3 WATT Modular DC/DC Converters
ASD35-5D12 ETC2-ASD35-5D12 Datasheet
521Kb / 3P
5V Input 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD35-5D12H ASTRODYNE-ASD35-5D12H Datasheet
230Kb / 3P
5V Input 3 WATT Modular DC/DC Converters
ASD35-5D12M ASTRODYNE-ASD35-5D12M Datasheet
230Kb / 3P
5V Input 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
ASD35-5D15 ETC2-ASD35-5D15 Datasheet
521Kb / 3P
5V Input 3 WATT Modular DC/DC Converters
More results

Similar Description - ASD35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD35 ETC2-ASD35 Datasheet
521Kb / 3P
5V Input 3 WATT Modular DC/DC Converters
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
RSG Electronic Componen...
EC3A01 RSG-EC3A01 Datasheet
671Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
logo
Astrodyne Corporation
ASD35 ASTRODYNE-ASD35_16 Datasheet
230Kb / 3P
5V Input 3 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com