Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD35 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD35
Description  5V Input 3 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD35 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD35 Datasheet HTML 1Page - Astrodyne Corporation ASD35 Datasheet HTML 2Page - Astrodyne Corporation ASD35 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5V Input 3 WATT Modular DC/DC Converters
A S D 3 5 series
INPUT SPECIFICATIONS
Input Voltage Nominal
5 VDC
Input Voltage Range:
4.5-6.0 VDC
Input Filter
PI Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
Single (10% to FL)
+/- 0.5%
Dual (25% to FL)
+/-1%
Line Regulation
(HL-LL)
+/- 0.5%
Temperature Coefficient
+/-0.05%/°C
Ripple/Noise(Single/Dual)
3.3V/5V
100mVp-p max.
12V/15V
1% p-p max.
Voltage Accuracy
+/- 2%
Voltage Balance
(Dual)
+/- 1%
Short Circuit Protection
Continuous
Efficiency
See Selection Chart
GENERAL SPECIFICATIONS
Input-Output Isolation
500VDC (“M” Versions)
1500VDC (“H” Versions)
Isolation Resistance
10-9nth Ohm min.
Switching Frequency
100Khz
Safety
UL60950 - “H” Versions Only
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71°C
Case Temperature
100°C max.
Storage Temperature
-40 to +100°C *
Cooling
Free Air Convection
MTBF
Single O/P
1,249,000 Hrs.
Dual O/P
1,186,000 Hrs.
MIL-HDBK-217F
Ground Benign, 25°C
PHYSICAL SPECIFICATIONS
Case Material
Black coated Copper
w. Non-conductive base
Construction
Fully Encapsulated
Weight
0.5 oz, (13g)
Dimensions
1.25”x0.8”x0.4”
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com