Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD50 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD50
Description  Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD50 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD50 Datasheet HTML 1Page - Astrodyne Corporation ASD50 Datasheet HTML 2Page - Astrodyne Corporation ASD50 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
a s d 5 0 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
Wide 2:1 Input Range
1500V Isolation
Remote ON/OFF Control
High Efficiency
Input PI Filter
Five-Sided Shield
Model Number
Output Voltage
Output amps
Input Range
Efficiency
ASD50-12S25
2.5 VDC
10
9-18 VDC
76.00%
ASD50-24S25
10
18-36 VDC
77.00%
ASD50-48S25
10
36-75 VDC
77.00%
ASD50-12S3
3.3 VDC
10
9-18 VDC
78.00%
ASD50-24S3
10
18-36 VDC
79.00%
ASD50-48S3
10
36-75 VDC
79.00%
ASD50-12S5
5 VDC
10
9-18 VDC
81.00%
ASD50-24S5
10
18-36 VDC
82.00%
ASD50-48S5
10
36-75 VDC
83.00%
ASD50-12S12
12 VDC
4.16
9-18 VDC
84.00%
ASD50-24S12
4.16
18-36 VDC
85.00%
ASD50-48S12
4.16
36-75 VDC
85.00%
ASD50-12S15
15 VDC
3.33
9-18 VDC
84.00%
ASD50-24S15
3.33
18-36 VDC
85.00%
ASD50-48S15
3.33
36-75 VDC
85.00%
ASD50-12S24
24 VDC
2.08
9-18 VDC
84.00%
ASD50-24S24
2.08
18-36 VDC
86.00%
ASD50-48S24
2.08
36-75 VDC
86.00%
Unit measures 2.28”W x 2.4”L x 0.5”H
Order On-Line!
astrodyne.com


Similar Part No. - ASD50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD50-12S12 ASTRODYNE-ASD50-12S12 Datasheet
177Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
ASD50-12S15 ASTRODYNE-ASD50-12S15 Datasheet
177Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
ASD50-12S24 ASTRODYNE-ASD50-12S24 Datasheet
177Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
ASD50-12S25 ASTRODYNE-ASD50-12S25 Datasheet
177Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
ASD50-12S3 ASTRODYNE-ASD50-12S3 Datasheet
177Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
More results

Similar Description - ASD50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30_16 Datasheet
189Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD50 ASTRODYNE-ASD50_16 Datasheet
177Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com