Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD50 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD50
Description  Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD50 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD50 Datasheet HTML 1Page - Astrodyne Corporation ASD50 Datasheet HTML 2Page - Astrodyne Corporation ASD50 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
a s d 5 0 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
INPUT sPECIFICaTIONs
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Undervoltage Lockout
12Vin Power Up
8.8V
12Vin Power Down
8V
24Vin Power Up
17V
24Vin Power Down
16V
48Vin Power Up
34V
48Vin Power Down
32.5V
Input Filter
PI Type
OUTPUT sPECIFICaTIONs
Voltage and Current
See Selection Chart
Load Regulation (0% to FL)
+/-0.2%, max.
Line Regulation
(HL-LL)
+/-0.2%, max.
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise
2.5, 3.3 & 5Vout
20mV RMS, max.
75mVp-p max.
12 & 15Vout
30mV RMS, max.
100mVp-p max.
24Vout
100mV RMS, max.
240mVp-p max.
Voltage Accuracy
+/-1%, max
Transient Response
25% Change
<500uS
Trim Adjustment Range
+/-10%
Short Circuit Protection
Continuous
Over Voltage Protection
115-140% of Output
Current Limit
110-150% of Rated Load
Efficiency
See Selection Chart
GENERaL sPECIFICaTIONs
Input-Output Isolation
I/P-O/P, I/P-Case, O/P-Case
1500VDC
Isolation Resistance
10-7nth Ohm min.
Switching Frequency
12 & 24Vin
400kHz
48Vin
300kHz
Safety
UL60950
ENVIRONMENTaL sPECIFICaTIONs
Oper. Case Temperature
-40 to +100°C
Thermal Shutdown, Case Temp. 100°C typ.
Storage Temperature
-55 to +105°C *
Cooling
Free Air Convection
MTBF
1,005,677 Hrs.
MIL-HDBK-217F
Ground Benign, 25°C
PHYsICaL sPECIFICaTIONs
Case Material
Aluminum
Construction
Fully Encapsulated
Weight
5 oz (142g)
Dimensions
2.28” x 2.4” x 0.5”
REMOTE ON/OFF CONTROL
Logic Compatibility
Open Collector
Referenced to - Input
Module-On
Open Circuit
Module-Off
<0.8VDC
Shutdown Idle Current
10mA
EXTERNaL OUPUT TRIMMING
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com