Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL40-5 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASL40-5
Description  40W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL40-5 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASL40-5 Datasheet HTML 1Page - Astrodyne Corporation ASL40-5 Datasheet HTML 2Page - Astrodyne Corporation ASL40-5 Datasheet HTML 3Page - Astrodyne Corporation ASL40-5 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
40W Ultraminiature Open Frame Switching Power Supplies
A S L 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
MECHANICAL DIMENSIONS WITH JST CONNECTORS - STANDARD
0
5
1
.
0
0
8
.
3
4
9
1
0
7
.
3
L
)
5
2
1
.
0
O
(
7
1
.
3
O
X
4
N
0
6
.
1
0
1
0
0
0
.
4
1
2
3
4
5
6
Pin #
Single Outputs
Dual Outputs
1
AC Line
AC Line
2
AC Neutral
AC Neutral
3
+ Output
+ Output 2
4
GND
GND
5
GND
GND
6
+ Output
+ Output 1
All 4 corner holes need to be bonded accordingly to the end
product PE (Protective Earth) path.
Input Connector: JST B3P-VH
Input Mating Connector: JST VHR-3N or
Molex 51144 Series
Output Connector: JST B4P-VH
Output Mating Connector: JST VHR-4N
or Molex 53520 & 53521 Series
Use with JST # SVH-21T-P1.1 or Molex
# 50539-8100 Crimp Terminals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com