Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL40-5 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASL40-5
Description  40W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL40-5 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASL40-5 Datasheet HTML 1Page - Astrodyne Corporation ASL40-5 Datasheet HTML 2Page - Astrodyne Corporation ASL40-5 Datasheet HTML 3Page - Astrodyne Corporation ASL40-5 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
40W Ultraminiature Open Frame Switching Power Supplies
A S L 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
2”W x 4”L x 1.2”H
Up to 40W Output Power
Universal 90-264VAC Input
Single and Dual Outputs from 5VDC to 48VDC
High Efficiency up to 86%
3000V Isolation
1U Compatible Height
Order On-Line!
astrodyne.com
Model Number
Output Voltage Max. O/P Amps Min. O/P Amps Efficiency @ 230VAC R&N P-P Current Limit
SINGLE OUTPUT
ASL40-5(A)*
5VDC
8
0
73%
100mV
170%
ASL40-9(A)*
9VDC
4.44
0
82%
100mV
200%
ASL40-12(A)*
12VDC
3.33
0
84%
150mV
240%
ASL40-15(A)*
15VDC
2.66
0
84%
150mV
240%
ASL40-24(A)*
24VDC
1.66
0
86%
150mV
240%
ASL40-36(A)*
36VDC
1.11
0
85%
100mV
187%
ASL40-48(A)*
48VDC
0.83
0
86%
400mV
240%
DUAL OUTPUT
(V1/V2)
(I1/I2)
ASL40D-1
5/12VDC
3.3/2
0.66/0.40
81%
100/120mV 225%
ASL40D-2
5/15VDC
3.3/1.6
0.66/0.32
82%
100/150mV 225%
ASL40D-3
5/24VDC
3.3/1
0.66/0.20
82%
100/240mV 225%
ASL40D-5
5/48VDC
3.3/0.50
0.66/0.10
82%
100/400mV 225%
*Note: The Single Outputs can be ordered with Molex 09-50-30x1 I/O connectors.. Simply add the suffix “A” to the end of the Model Number.
For example, ASL40-5A


Similar Part No. - ASL40-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL40-5A ASTRODYNE-ASL40-5A Datasheet
699Kb / 4P
40W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - ASL40-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40_16 Datasheet
699Kb / 4P
40W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
10W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com