Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT10 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # UT10
Description  10-foot Instrumentation Tower
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

UT10 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  UT10 Datasheet HTML 1Page - Campbell Scientific United Kingdom UT10 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UT10
10-foot Instrumentation Tower
The UT10 is an aluminum, corrosion-resistant tower
that provides a 10-ft (3 m) crossarm height (see speci-
fications). This general-purpose tower supports the
attachment of sensors, mounts, solar panels, anten-
nas, and environmental enclosures. A lightning and
grounding rod, grounding cables, grounding cable
clamps, hinged base, anchor bolts, and UV-resistant
cable ties are included with the tower.
The UT10 is used as a sturdy, long-term instrument
mount for a variety of applications. It can be augmented
with mounts (e.g., CM204, CM220, CM225) that allow
attachment of meteorological sensors such as wind
sets, pyranometers, and temperature/relative humidity
probes. Other meteorological sensors such as barom-
eters, soil temperature and moisture probes, and rain
gages can also be used with a UT10-based station.
The National Estuarine Research Reserve (NERR) in Virginia uses a UT10 tower to support their meteorological sensors, solar panel, environmen-
tal enclosure, and antennas.


Similar Part No. - UT10

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT100 WILLOW-UT100 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT100 ETC-UT100 Datasheet
158Kb / 2P
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Unisonic Technologies
UT10033G-TN5-R UTC-UT10033G-TN5-R Datasheet
222Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UT10033L-TN5-R UTC-UT10033L-TN5-R Datasheet
222Kb / 6P
2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UT100N03 UTC-UT100N03 Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
More results

Similar Description - UT10

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
List of Unclassifed Man...
HT23-598C ETC2-HT23-598C Datasheet
160Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT34-506C ETC2-HT34-506C Datasheet
152Kb / 3P
NEMA 34 Step Motor with 10 Foot Shielded Cable
logo
PHOENIX CONTACT
2200157 PHOENIX-2200157 Datasheet
94Kb / 7P
Foot element - UM-PRO 108 FOOT BK
09/12/2020
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8988 FESTO-8988 Datasheet
96Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com