Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT10 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # UT10
Description  10-foot Instrumentation Tower
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

UT10 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  UT10 Datasheet HTML 1Page - Campbell Scientific United Kingdom UT10 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Campbell Scientific, Inc. | 815 W 1800 N | Logan, Utah 84321-1784 | (435) 753-2342 | www.campbellsci.com
USA
|
AUSTRALIA
|
BRAZIL
|
CANADA
|
COSTA RICA
|
ENGLAND
|
FRANCE
|
GERMANY
|
SOUTH AFRICA
|
SPAIN
Required Concrete Pad
Dimensions (see note 2):
24 x 24 x 24 in. (61 x 61 x 61 cm)
Crossarm Height (attached to mast)
Standard:
10 ft (3 m)
Maximum (mast
fully extended):
~12 ft (3.7 m)
Minimum:
~9 ft (2.7 m)
Wind Load Recommendation
(see note 3):
110 mph maximum
Pipes Outer Diameter (OD)
Vertical:
1 in. (2.5 cm)
Cross Support:
0.375 in. (0.953 cm)
Leg Spacing:
10.25 in. (26 cm) between legs
(center to center)
Material:
Aluminum
Shipping Weight:
40 lbs (18 kg)
Notes:
1. Refer to the "Instrumentation Mounts" product brochure for crossarm, solar radiation mounts, and radiation shield options.
2. The concrete pad requirements assume heavy soil; light, shifting, or sandy soils require a larger concrete pad.
3. The wind load recommendation assumes proper installation, proper anchoring, adequate soil, and total instrument projected area of less
than 2 square feet. The amount of wind load that this mount can withstand is affected by quality of anchoring and installation, soil type,
and the number, type, and location of instruments fastened to the UT10.
Copyright © 1993, 2010
Campbell Scientific, Inc.
Printed July 28, 2010
Specifications
HMP45C-L6 Temperature and RH Probe
housed in a Radiation Shield
5-ft Grounding Rod (included w/UT10)
Hinged Base (included w/UT10)
User-supplied Concrete Pad
Wind Sentry Set
Crossarm
Lightning Rod (included w/UT10)
TE525-L50 Tipping Bucket Rain Gage
Solar Panel
LI200X Pyranometer,
Pyranometer Crossarm Stand,
LI2003S Pyranometer Base and Leveling Fixture
Environmental Enclosure
Anchor Bolts (included w/UT10)
Anchor Bolt (included w/UT10)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com