Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3460R Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 76Page - Microchip Technology MCP3460R Datasheet HTML 77Page - Microchip Technology MCP3460R Datasheet HTML 78Page - Microchip Technology MCP3460R Datasheet HTML 79Page - Microchip Technology MCP3460R Datasheet HTML 80Page - Microchip Technology MCP3460R Datasheet HTML 81Page - Microchip Technology MCP3460R Datasheet HTML 82Page - Microchip Technology MCP3460R Datasheet HTML 83Page - Microchip Technology MCP3460R Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 103 page
background image
MCP3460R
DS20006975A page 80
 2025 Microchip Technology Inc. and its subsidiaries
8.1
ADCDATA REGISTER
Name
Bits
Address
Cof
ADCDATA
4/16/32
0x0
R
REGISTER 8-1:
ADCDATA: ADC CHANNEL DATA OUTPUT REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ADCDATA[15:8]
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ADCDATA[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
ADCDATA[15:0]: ADC Output Code
The data are post-calibration if the EN_OFFCAL or EN_GAINCAL bits are enabled. The data can be
formatted in 16-bit or 32-bit modes depending on the setting of the DATA_FORMAT[1:0] bits in the
CONFIG3 register (see Section 5.6 “ADC Output Data Format”).
The ADC Channel Data Output register always contains the most recent Analog-to-Digital (A/D)
conversion data. The register is updated at each data ready internal signal and depends on the values
of the OSR bit in the CONFIG1 register and the CONV_MODE bit in the CONFIG3 register. The ADC
Channel Data Output register is latched at the start of each SPI Read command. The register is double
buffered to avoid data loss. There is a small time delay, tDODR, after each data ready, when to wait for
the data to be available. Otherwise, data corruption can occur when the internal data are refreshed.
When IRQ_MODE[1:0] = 1x in the IRQ register, the ADC Channel Data Output register becomes a
4-bit wide register containing the MDAT output codes. These codes are the outputs of the modulator,
represented by four comparator outputs (COMP[3:0], see Section 5.4.2 “Modulator Output Block”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com