Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PWC
Description  PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PWC Datasheet(HTML) 1 Page - Astrodyne Corporation

  PWC Datasheet HTML 1Page - Astrodyne Corporation PWC Datasheet HTML 2Page - Astrodyne Corporation PWC Datasheet HTML 3Page - Astrodyne Corporation PWC Datasheet HTML 4Page - Astrodyne Corporation PWC Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
p w C series
www.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROpE: 353 51 561060
ASTRODYNE pACIFIC: 886-2-26983458
5 Watts Output Power
3.3VDC to 24VDC Single Outputs
Universal Input
3,000VAC Input to Output Isolation
EN55022 Class B EMI
Industrial Op. Temp (“E” Versions)
Model Number
Output Voltage
Output Amps
Output watts
Size (inches)
Efficiency
OpEN FRAME
PWC-3.3
3.3 VDC
1.25
4.1W
0.91 x 1.91 x 0.63
65%
PWC-5
5 VDC
1
5W
0.91 x 1.91 x 0.63
72%
PWC-12
12 VDC
0.42
5W
0.91 x 1.91 x 0.63
73%
PWC-15
15 VDC
0.34
5W
0.91 x 1.91 x 0.63
75%
PWC-24
24 VDC
0.23
5W
0.91 x 1.91 x 0.63
76%
SIp STYLE OpEN FRAME
PWC-3.3S
3.3 VDC
1.25
4.1W
1.12 x 1.93 x 0.51
65%
PWC-5S
5 VDC
1
5W
1.12 x 1.93 x 0.51
72%
PWC-12S
12 VDC
0.42
5W
1.12 x 1.93 x 0.51
73%
PWC-15S
15 VDC
0.34
5W
1.12 x 1.93 x 0.51
75%
PWC-24S
24 VDC
0.23
5W
1.12 x 1.93 x 0.51
76%
ENCApSULATED
PWC-3.3E
3.3 VDC
1.25
4.1W
1 x 2 x 0.6
65%
PWC-5E
5 VDC
1
5W
1 x 2 x 0.6
72%
PWC-12E
12 VDC
0.42
5W
1 x 2 x 0.6
73%
PWC-15E
15 VDC
0.34
5W
1 x 2 x 0.6
75%
PWC-24E
24 VDC
0.23
5W
1 x 2 x 0.6
76%
pwC-xx
pwC-xxS
pwC-xxE


Similar Part No. - PWC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
logo
TT Electronics.
PWC TTELEC-PWC Datasheet
672Kb / 4P
improved working voltage
PWC TTELEC-PWC Datasheet
586Kb / 4P
Pulse Withstanding Chip Resistors
09.18
logo
Amphenol LTW
PWC-03AFFM-LL7A01 LTW-PWC-03AFFM-LL7A01 Datasheet
1,020Kb / 6P
Complete Range of Waterproof Connectors Cable Assembly
PWC-03AFMM-LL7A01 LTW-PWC-03AFMM-LL7A01 Datasheet
1,020Kb / 6P
Complete Range of Waterproof Connectors Cable Assembly
More results

Similar Description - PWC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
APC ASTRODYNE-APC Datasheet
247Kb / 3P
5 Watt Ultraminiature Modular Switching Power Supplies
PWB ASTRODYNE-PWB Datasheet
514Kb / 3P
PowerBlock Micro-Miniature Modular Switching Power Supplies
logo
Tumbler Technologies + ...
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
30 WATT SWITCHING POWER SUPPLIES
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
40 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU110 RSG-PU110 Datasheet
179Kb / 2P
110 WATT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
AFC ASTRODYNE-AFC Datasheet
187Kb / 3P
PowerBlock Micro-Miniature Modular Switching Power Supplies
PWB ASTRODYNE-PWB_16 Datasheet
266Kb / 5P
PowerBlock Micro-Miniature Modular Switching Power Supplies
PWC ASTRODYNE-PWC_16 Datasheet
275Kb / 4P
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com