Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PWC
Description  PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PWC Datasheet(HTML) 2 Page - Astrodyne Corporation

  PWC Datasheet HTML 1Page - Astrodyne Corporation PWC Datasheet HTML 2Page - Astrodyne Corporation PWC Datasheet HTML 3Page - Astrodyne Corporation PWC Datasheet HTML 4Page - Astrodyne Corporation PWC Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
p w C series
www.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROpE: 353 51 561060
ASTRODYNE pACIFIC: 886-2-26983458
INpUT SpECIFICATIONS
Input Voltage (AC/DC)
90-264VAC/110-340VDC
Nominal: 100-240VAC
Input Frequency
47-440 Hz, 50-60Hz Nom.
Inrush Current
20A @ 115VAC, typ
40A @ 200VAC, typ
OUTpUT SpECIFICATIONS
Output Voltage/Current (Note 5) See Model Chart
Preset Accuracy (Note 8)
+/-1%, typ
Load Regulation (Note 6)
3.3V & 5V:+/-1%, max.
20%-FL
12V, 15V, & 24V:+/-0.5%, max.
Line Regulation (Note 7)
3.3V & 5V:+/-1%, max.
12V, 15V, & 24V:+/-0.5%,max.
Temperature Coefficient
+/-0.03%/°C (0-50°C, typ.)
Ripple/Noise(20Mhz BW)
150mV Pk-Pk, typ (Notes 1, 2 & 9)
Overvoltage Protection
Clamp *
Hold Up Time
10mS, typ
Short Circuit Protection
Latching, Recovering *
OverTemp Protection
Latching, Recovering *
GENERAL SpECIFICATIONS
Input-Out Isolation (Note 3)
3000VAC
Output-Ground Isolation
1000VAC
Input-Ground Isolation
2500VAC
Switching Frequency
132 Khz, fixed, typ
Efficiency (@ Full Load)
See Model Chart
Safety
UL60950, EN60950
EMI
EN55022
ENVIRONMENTAL SpECIFICATIONS
Oper. Temperature (Note 4)
PWC-xx, PWC-xxS
-10 to +50°C FL
PWC-xxE
-25 to +65°C FL
See Derate Curves
Relative Humidity
0-95%, Non-Condensing
Storage Temperature
-40 to +85°C *
pHYSICAL SpECIFICATIONS
Construction
Open Frame or Encapsulated
Weight
Open Frame: 1.0 oz (28g)
Encapsulated: 1.5 oz. (42g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
Notes:
1. All measurements should be made directly at the terminals of the
power supply
2. Ripple and noise dependent upon output voltage as specified per
particular model.
3. Isolation for up to 1 minute duration.
4. Specified for free air convection cooling.
5. Minimum load is not required for proper operation.
6. Load Regulation is measured from 5% to Full Load.
7. Line Regulation measured from High Line to Low Line.
8. Preset Accuracy measured at nominal load, 120VAC input.
9. O/P Noise measured directly at the pins/terminals at nominal load,
0.1uF bypass and 47uF electrolytic, pk-pk @ 20MHz bandwidth.
10. 100% Production Tested



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com