Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC-PC1 Datasheet(PDF) 1 Page - Metcal

Part # AC-PC1
Description  HCT-910 Hot Air Rework System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-PC1 Datasheet(HTML) 1 Page - Metcal

  AC-PC1 Datasheet HTML 1Page - Metcal AC-PC1 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HCT-910 Hot Air Rework System
Data Sheet
Maximize Productivity with the High Performance
HCT-910 Hot Air Rework System
The Metcal HCT-910 Hot Air Rework System offers a versatile solution for a wide
variety of production and rework applications.
Features
•
Versatile 900 W fast-heating hot air tool for soldering and desoldering applications
•
Max temperature of 600 °C (1112 °F)
•
Max airflow up to 120 l/m (4.2 cfm)
•
Digital controls for both airflow & temperature, for increased precision
•
On-the-fly manual mode – quickly toggle between temperature and flowrate
•
Handpiece start/stop button & status light
•
Tool-less nozzle removal & replacement
•
ESD compliant
•
TUV certified, CE listed
metcal.com/contact-us


Similar Part No. - AC-PC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC-PLM-1 ETC1-AC-PLM-1 Datasheet
364Kb / 7P
AC-PLM-1 Powerline Modem
logo
Metcal
AC-PM METCAL-AC-PM Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
More results

Similar Description - AC-PC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG350ESD ETC2-HG350ESD Datasheet
463Kb / 2P
Precision Hot Air Tool
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
Create Your Own Rework System
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
Soldering and Rework System
logo
List of Unclassifed Man...
WHA900 ETC2-WHA900 Datasheet
108Kb / 1P
Hot Air Rework Station With Internal Pump, 120V
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
New Metcal MX-500 Soldering and Rework System
logo
SparkFun Electronics
TOL-11130 SPARKFUN-TOL-11130 Datasheet
42Kb / 1P
Hot-air Rework Replacement Element - Temp Controlled
TOL-14557 SPARKFUN-TOL-14557 Datasheet
148Kb / 2P
Hot?륚ir Rework Station ??303D
1??1??8
logo
PHOENIX CONTACT
1538047 PHOENIX-1538047 Datasheet
990Kb / 26P
SAC-2P-M12MSB/910/... - Bus system cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com