Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC-PC1 Datasheet(PDF) 2 Page - Metcal

Part # AC-PC1
Description  HCT-910 Hot Air Rework System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-PC1 Datasheet(HTML) 2 Page - Metcal

  AC-PC1 Datasheet HTML 1Page - Metcal AC-PC1 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL SPECIFICATIONS
HCT-910-11
HCT-910-21
Input Voltage (V)
115 V / 60 Hz
230 V / 50 Hz
Power
900 W
Temperature Range
50 - 600 °C (122 - 1112 °F)
Temperature Accuracy
± 30 °C (54 °F)
Air Flow
At 300 °C, 5 - 120 I/m (0.2 - 4.2 cfm)
Air Pump Type
Blower
Hose Length (Panel-Handpiece)
1.2 m (3.9 ft)
Noise
< 46 dB (A)
Weight
2 kg (4.4 lbs)
Safety Class
1
Pollution Degree Category
ll
Storage Temperature
0 – 60 °C (32 – 140 °F)
Surface Resistivity
Unit: 105Ω - 106Ω. Handpiece & Tube: 107Ω - 1011Ω
Dimensions
21 x 14 x 14 cm (8.3 x 5.5 x 5.5 in)
Certification/Approvals
cTUVus, CE, RoHS
SYSTEMS SHIP WITH
HCT-910 Base Unit
5.0 mm Ø Bayonet Nozzle
Hand-piece Cradle
Power Cord
ACCESSORIES (sold separately)
HCT-910-HE-11
HCT-910 Replacement Heater, 115 V Input
HCT-910-HE-21
HCT-910 Replacement Heater, 230 V Input
HB-D25
HCT-910 Nozzle, Bayonet, 2.5 mm Ø
HB-D50
HCT-910 Nozzle, Bayonet, 5.0 mm Ø
HB-D100
HCT-910 Nozzle, Bayonet, 10.0 mm Ø
HB-D25-B
HCT-910 Bent Nozzle, Bayonet, 2.5 mm Ø
HB-D50-B
HCT-910 Bent Nozzle, Bayonet, 5.0 mm Ø
HB-ST
HCT-910 Nozzle, Bayonet, Shrink Tube
AC-PC1
HCT-910 Replacement Power Cord. 6 ft. (1.8 meters) 115 V
HCT-910 Nozzles are compatible with legacy HCT-900 and HCT- 1000 series systems. Visit Metcal.com
for the full offering of nozzles.
For Sales
and
Support:
Metcal Corporate Headquarters
10800 Valley View Street,
Cypress, California, 90630, USA
Tel: 1-714-799-9910
Fax: 1-714-828-2001
E-mail:
eorders@okinternational.com
Visit our website for more information and to
contact the Metcal office nearest you.
metcal.com/contact-us
HCT-910 Hot Air Rework System
Data Sheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com