Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH-RK1000 Datasheet(PDF) 1 Page - Metcal

Part # BH-RK1000
Description  PCT-1000 Programmable Pre-heater
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

BH-RK1000 Datasheet(HTML) 1 Page - Metcal

  BH-RK1000 Datasheet HTML 1Page - Metcal BH-RK1000 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCT-1000 Programmable
Pre-heater
More Heat, Lower Temperatures for Faster, Higher Quality Results
The PCT-1000 is a programma-
ble preheater that provides users
exceptional ability to increase heat
capacity with highly controlled ther-
mal output. The preheater is ideal
for aiding high thermal demand
applications including lead-free,
multi-layer boards and large ground
planes. The PCT-1000 can be used
in a variety of processes including
soldering, desoldering, SMD rework
operations and, with its added heat
capacity, will provide faster pro-
duction rates while lowering overall
process temperatures.
For more complex applications, the PCT-1000 can be
integrated with our programmable hand-held con-
vection tool (HCT-1000) and adjustable tool holder
(ATH-1000) as part of the MRS-1000 Modular Rework
System.
Programmable Controls
With four programmable heating zones and one cool-
ing zone, users select time and temperature targets,
creating a preheat thermal profile.
The PCT-1000 features an advanced heat control
function where the temperature is controlled either at
the heater output (internal) or at the board (external).
The “external” control function uses a thermocouple
which can be placed on the board or a component.
The external control function enables users to
heat with high levels of assurance; preventing
such undesirable effects as underside compo-
nent reflow, thermal shock to sensitive compo-
nents and damaging peak temperatures.
The PCT-1000 Powerful Heating Improves
Productivity
PCT-1000 is equipped with the highly advanced
heater
design found on sophisticated OK International
rework systems. Its convection heater creates
a vortex effect that efficiently directs and con-
centrates heat. This, coupled with the precise
feedback control and thermal profiling capability,
establish the PCT-1000 as a powerful, precise
benchtop solution for increasing productivity.
www.metcal.com


Similar Part No. - BH-RK1000

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
BH-0.72-100 YHDC-BH-0.72-100 Datasheet
1Mb / 1P
BH series power distribution current transformer
BH-0.72-120 YHDC-BH-0.72-120 Datasheet
1Mb / 1P
BH series power distribution current transformer
BH-0.72-20 YHDC-BH-0.72-20 Datasheet
4Mb / 1P
BH series power distribution current transformer
BH-0.72-30 YHDC-BH-0.72-30 Datasheet
4Mb / 1P
BH series power distribution current transformer
BH-0.72-40 YHDC-BH-0.72-40 Datasheet
677Kb / 1P
BH series power distribution current transformer
More results

Similar Description - BH-RK1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YB80-240 ETC-YB80-240 Datasheet
123Kb / 1P
PTC Heater
logo
Analog Technologies, In...
AMCHCXRXW ANALOGTECHNOLOGIES-AMCHCXRXW Datasheet
310Kb / 3P
Metal Ceramics Heater
6/9/2022
logo
STEGO Elektrotechnik Gm...
CP061 STEGO-CP061 Datasheet
177Kb / 1P
FLAT HEATER
19.08.2020
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
HGK047 STEGO-HGK047 Datasheet
161Kb / 1P
SMALL SEMICONDUCTOR HEATER
24.08.2020
LP165 STEGO-LP165 Datasheet
583Kb / 1P
ENCLOSURE HEATER
11.11.2022
LPS164 STEGO-LPS164 Datasheet
352Kb / 1P
ENCLOSURE HEATER
11.11.2022
LT065 STEGO-LT065 Datasheet
503Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTS064 STEGO-LTS064 Datasheet
484Kb / 1P
ENCLOSURE HEATER
11.11.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com