Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH-RK1000 Datasheet(PDF) 2 Page - Metcal

Part # BH-RK1000
Description  PCT-1000 Programmable Pre-heater
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

BH-RK1000 Datasheet(HTML) 2 Page - Metcal

  BH-RK1000 Datasheet HTML 1Page - Metcal BH-RK1000 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCT-1000 Programmable Pre-heater
Key Features & Benefits
• Adds heat capacity and enables lower process temperatures
• Increases through-put and reliability of soldering, desoldering and
SMD rework processes
• Four-zone programmable settings for time and temperature to create
optimum thermal profiles for varying application demands
• Storage for up to fifty users defined profiles for quick, easy set-up
• User selectable control of heating at source (internal) or at target (external)
• Controlled cool-down eliminates thermal shock to PCB and components
• System safety feature automatically shuts off heating when fan is
stopped
• High efficiency vortex heater design maximizes ramp to temperature
for increased productivity
Easy Operation and Profile Storage
The PCT-1000 is easy-to-use with clearly marked controls. The front panel
features a 20 X 4 LCD display and 3 input buttons. Step by step programming
makes profile creation simple and straight forward. The system stores up to
10 thermal profiles plus one default start up profile.
Unique, Flexible Board Holders
While the PCT-1000 can be used with or without a board holder, users often
need a quick and flexible way to position a board over the preheater.
The new BH-1000 board holder consists of posts and rails and is a highly flexible system. It has two sets of
post-rail assemblies (two posts, one rail per assembly). Two sliding clips are mounted on each rail and require
minimal board-edge space to clamp the board. The post-rail assemblies can be located as close as 12 mm
(1/2") to virtually any distance apart. Additionally, each post-rail system can be converted to a stand-alone
post-pin configuration with removal of the rails and by adding the threaded pins (shown right). These pins can
be used for holding board tooling holes or for board support.
Part Number Description
PCT-1000
Programmable Preheater,
350W convection;Type-K T/C
kit, foot switch, power cord,
User Manual, Advanced User
Guide
PCT-FS1
PCT-1000 Foot switch
BH-1000
Post-Rail Board Holder
system; four posts, two rails
with sliding clips, four support
pins, flat-head support (screw)
BH-SP1000
Single Post Board Support;
post with height adjustment,
four support pins
BH-PK1000
Support Pin Kit; four support
pins, flat-head support screw
BH-RK1000
Board Holder Rail Kit; two
300mm rails, four support pins
PCT-1000 Programmable Preheater Specifications
Rated Power
1200 W
Input
100-240 VAC, 50/60 Hz
Storage Temperature
0° to 50° C (32° to 122° F)
Temperature Range
25° to 350° C (77° to 660° F)
Temperature Control
Type K Thermocouple feedback with
users selectable source (internal) or
target (external) control
External: includes two Type K inputs
Air Flow
Fixed at 19cfm (538 l/minute)
Operational Modes
Setup, Run, Manual, Active Setup
Display
LCD 20 x 4 display segments
Programs
Storage for fifty (50) thermal profiles
Approvals
CE, cTUVus
Maximum time per zone 300 seconds
post-rail system
post-pin systems
www.metcal.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com