Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU30 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SPU30
Description  30W Desktop Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU30 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SPU30 Datasheet HTML 1Page - Astrodyne Corporation SPU30 Datasheet HTML 2Page - Astrodyne Corporation SPU30 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
30W Desktop Switching Power Supplies
S P u 3 0 series
INPuT SPECIFICATIONS
Input Voltage Range
90-264 VAC (Universal)
Frequency Range
47-63 Hz
Input Current
Low Line (115VAC)
0.8A
High Line (230VAC)
0.5A
Inrush Current, typ (Cold Start)
Low Line (115VAC)
15A max.
High Line (230VAC)
30A max.
Leakage Current
0.75mA MAX.
@ 240 VAC, FL
OuTPuT SPECIFICATIONS
Voltage and Current
See Selection Charts
Output Power Range
0 to FL Rating
Load Regulation (230Vin)
+/- 7%, max.
Line Regulation
+/- 1%, max.
Transient Response
100Vin, FL to 1/2L
4mS
Temperature Coefficient
+/-0.04%/°C, typ
Ripple/Noise
FL, 90Vin
2% Pk-Pk, max.
Over Voltage Protection
112-132% *
Over Current Protection
110-150% *
Start Up / Hold Up Time
100Vin, FL
2S max. / 12mS min.
GENERAL SPECIFICATIONS
Input-Out Isolation
3000 VAC
Input-Ground Isolation
1500VAC
Isolation Resistance
50 Mohm min.
Efficiency (FL, 230Vin)
75%, typ
Safety
(c)UL60950-1
NOTE: Low cost 3 Wire IEC320/C13 (Part Number ACCRD-C13) Input Power
Cords are available for these products. Inquire to the Astrodyne Sales Depart.
PHYSICAL SPECIFICATIONS
Size
4.6” x 1.36” x 2.0”
Construction
Desktop Style
Weight
8.1oz (230g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +40°C (FL) *
50% Load @ 70°C
(See Derate Curve)
Storage Temperature
-40 to +85°C *
Relative Humidity
5% to 95%, non-cond *
EMC
110Vin:
FCC Part 15 Class B
220Vin:
CISPR-22 Class B
MTBF
100,000 Hrs
DERATE CuRVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com