Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU30 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SPU30
Description  30W Desktop Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU30 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SPU30 Datasheet HTML 1Page - Astrodyne Corporation SPU30 Datasheet HTML 2Page - Astrodyne Corporation SPU30 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
30W Desktop Switching Power Supplies
S P u 3 0 series
Universal 85-265VAC Input
IEC-320-C14 Input Receptacle
Single Outputs from 3.3 to 48VDC
3000V Isolation
Splash Proof Case
Model Number
Output Watts
Output Volts
Output Amps
Total Regulation
SPU30-101
16.5
3.3V
5A
7%
SPU30-102
25
5V
5A
5%
SPU30-103
25
6V
4.16A
5%
SPU30-104
30
10V
3A
5%
SPU30-105
30
12V
2.5A
5%
SPU30-106
30
15V
2A
5%
SPU30-107
30
18V
1.6A
5%
SPU30-108
30
24V
1.25A
5%
SPU30-109
30
30V
1A
5%
SPU30-110
30
36V
0.83A
3%
SPU30-111
30
48V
0.62A
3%
Order On-Line!
astrodyne.com
4.6” x 1.36” x 2.0”


Similar Part No. - SPU30

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
SPU30 MPSIND-SPU30 Datasheet
297Kb / 2P
SPU30 SERIES
logo
Volgen Kaga Electronics...
SPU30-101 VOLGEN-SPU30-101 Datasheet
297Kb / 2P
30W Desk Top Switching Power Supplies For I.T.E.
SPU30-102 VOLGEN-SPU30-102 Datasheet
297Kb / 2P
30W Desk Top Switching Power Supplies For I.T.E.
SPU30-103 VOLGEN-SPU30-103 Datasheet
297Kb / 2P
30W Desk Top Switching Power Supplies For I.T.E.
SPU30-104 VOLGEN-SPU30-104 Datasheet
297Kb / 2P
30W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU30

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
30W Ultraminiature Modular Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
30W Medical Grade Ultraminiature Switching Power Supplies
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
30W Medical Grade Desktop Switching Power Adapters
SPU60 ASTRODYNE-SPU60 Datasheet
275Kb / 3P
60W Desktop Switching Power Supplies
SPU65 ASTRODYNE-SPU65 Datasheet
661Kb / 4P
65W Desktop Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
30W Ultraminiature Open Frame Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
30W Ultraminiature Encapsulated Switching Power Supplies
AHP3201 ASTRODYNE-AHP3201 Datasheet
652Kb / 5P
30W Medical Grade Switching Power Supplies
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
30W Medical Grade Desktop Switching Power Adapters
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
30W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com