Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAXB Datasheet(PDF) 2 Page - Axiohm TXCOM

Part # XAXB
Description  80/82.5 mm Thermal printer mechanism
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM

XAXB Datasheet(HTML) 2 Page - Axiohm TXCOM

  XAXB Datasheet HTML 1Page - Axiohm TXCOM XAXB Datasheet HTML 2Page - Axiohm TXCOM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printing speed (max)
mm/s
130
180
250
Printing Width
mm
80
Resolution
dots/mm
8
Number of dots
dots
640
Paper width
mm
80/82.5
Paper thickness
µm
60 - 85
Paper loading
---
Clamshell TM or auto loading
Operating voltage range :
- logic
- dot
V
V
5 (+/-5%)
24 (+/-10%)
Head pulse life
pulse
2*108
Mechanical reliability
Km
150
150
100
Dimensions:
with cutter (W*D*H)
without cutter (W*D*H)
mm
mm
132.5*75*87
132.5*75*85
Weight
g
600
Operating temperature
°C/F
-10 to 60/14 to 140
Cutter
---
XA and XB only : Tear bar, full and/or partial cut
Cutter life
cut
1.5 million
Options
---
Top of form opto sensor with 4 different positions
Characteristics
XA/XB
XA/XB Advanced
XA/XB Premium
Unit
80/82.5 mm Thermal printer mechanism
XA/XB Series
France : (for EMEA & Asia/Pacific)
Parc d’affaires NOVEOS - 10 avenue DESCARTES - 92350 Le PLESSIS ROBINSON
Tel : 33 (0)1 58 07 17 17 - info@axiohm.com
USA (for USA, Canada and South America)
2411 N Oak Street - Suite 203-C - Myrtle Beach, South Carolina 29577
Tel : (+1) 843 443-3155 - namsales@axiohm.com
© TXCOM. All rights reserved worldwide. All trademarks or registered trademarks are the property of their respective owners. Printed in France. Product speci昀椀cations are subjected to change in order
for AXIOHM to continue to meet the need of the market. ESC/POSTM is a trademark of Seiko Epson Corporation.
The Axiohm expertise
Integration tools
Con昀椀gure, test, download a 昀氀ash /
昀椀rmware directly to your Axiohm printer!
One user-friendly driver for all of our
printers. Greater 昀氀exibility for your
printer’s con昀椀guration
More than 30 years of innovations for you
Multisector expertise
Our R&D Team is available to design
customs solutions with multidisciplinary
expertise 昀椀elds (Materials / Mechanics /
Electronics / Software)
Quality
100 % of our printers are fully tested at the
end of the production line. Our Return
rate is below the industry standard : 0,3%
Delivery
Our factory and procurement
departement are doing their best to
secure your shipment schedule.
Reality speaks for itself, our service
rate for 2018 is 97,6% !
Customization
Part of our DNA, Axiohm continues to
support your project at every integration
stage with speci昀椀c proposals.
Do not hesitate to contact us.
Bidirectional Driver



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com