Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAXB Datasheet(PDF) 1 Page - Axiohm TXCOM

Part # XAXB
Description  80/82.5 mm Thermal printer mechanism
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM

XAXB Datasheet(HTML) 1 Page - Axiohm TXCOM

  XAXB Datasheet HTML 1Page - Axiohm TXCOM XAXB Datasheet HTML 2Page - Axiohm TXCOM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
auto
cutter
58 / 60
mm
Clamshell
The XA/XB Series offers a wide selection of features to answer all your needs and
meet the speci昀椀c requirements of each market application. The 3 mechanisms in the
XA/XB Series are : the XA/XB with a printing speed of 130 mm/sec. The XA/XB Advanced
(180mm/sec) and the XA/XB Premium, a high-speed version (250 mm/sec). A complete
range of products to meet a range of requirements! For example, the XA/XB Premium
is undeniably one of the fastest printing mechanisms on the market with a printing
speed that reaches 250 mm/s. This feature clearly positions the XA/XB Premium as the
ideal solution for gaming applications, such as horse tracks, where demands peak just
before the start of the races.
The undisputed success of the XA/XB Series is due primarily to its outstanding features,
such as Axiohm’s ceramic, self-sharpening-blade cutter that minimizes paper jams,
its exceptional life-expectancy of 1.5 millions cuts, for the cutter, and of 150 Km for
the mechanical parts. All of these outstanding features undeniably make
the XA/XB Series one of the most reliable mechanisms on the market.
The XA/XB Series is the mechanism of choice for an overwhelming majority
of the main online lottery leaders and POS marketplaces. lndeed, 60% of the
online lottery tickets issued in Europe are printed with an XA/XB mechanism
and 15% of the installed base of single stations in the US integrate a version
of the XA/XB mechanism. This recognition of the mechanism among the
market professionals is the best proof of the quality and the reliability of
the XA/XB Series.
A “Series” of XA/XB mechanisms
to answer all your needs
XA/XB (130 mm/sec.)
XA/XB Advanced (180 mm/sec.)
XA/XB Premium (250 mm/sec.)
Reliability is key to the success
of the XA/XB Series
XA/XB Series implemented in online lottery, POS, ATMs,
and unattended kiosks applications
XA/XB Series PRINTER MECHANISM


Similar Part No. - XAXB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
XAX530125I RENESAS-XAX530125I Datasheet
543Kb / 17P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
August 20, 2023
More results

Similar Description - XAXB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
LTPH245 SII-LTPH245 Datasheet
841Kb / 64P
LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
logo
fujitsu semiconductor
FTP-637MCL103 FUJITSU-FTP-637MCL103 Datasheet
220Kb / 6P
HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
2??HIGH SPEED THERMAL PRINTER
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
fujitsu semiconductor
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
FUJITSU THERMAL PRINTER
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com