Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet (PDF) - Seiko Instruments Inc

LTPH245 Datasheet PDF - Seiko Instruments Inc
Part # LTPH245
Download  LTPH245 Download
File Size   841.05 Kbytes
Page   64 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE

LTPH245 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTPH245 Datasheet PDF - Seiko Instruments Inc

Part # LTPH245
Download  LTPH245 Click to download

File Size   841.05 Kbytes
Page   64 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE

LTPH245 Datasheet (HTML) - Seiko Instruments Inc


LTPH245 Product details

The LTPH245 Line Thermal Printer Mechanism is a compact, high-speed thermal line dot printing mechanism. It can be used with a measuring instrument and analyzer, a POS, a communication device, or a data terminal device. Since the printer can be battery driven, it can easily be mounted onto a portable device such as a hand-held terminal.

The LTPH245 has the following features:
● Battery drive
    Since the range of operating voltage of 4.2V to 8.5V is wide, four to six Ni-Cd batteries or NiMH batteries or two Lithium-ion batteries can also be used.
● Compact and light weight 1
    The mechanism is compact and light: 76.8 mm in width, 38 mm in depth, 16 mm in height, and approximately 46 g in weight.
● Improved operability
    The platen roller can be released easily by lever operation allowing easy paper installation and head cleaning.
● High resolution printing
    A high-density print head of 8 dots/mm produces clear and precise printing.
● Longevity
    The mechanism is maintenance-free with a long life of 50 km print length and/or 100 million pulses.
● High speed printing 2
    A maximum print speed of 200 dot lines per second (25 mm per second) at 5 V, 450 dot lines per second (56.25 mm per second) at 7.2 V, and 500 dot lines per second (62.5 mm per second) at 8.0 V are attainable.
● Low current consumption
    The printer can be driven on low discharge current lithium-ion batteries due to low current consumption. Continuous printing can be also performed.
● Low noise
    Thermal line dot printing is used to guarantee low-noise printing.
● Realizing easy design of outer case
    The printer mechanism is designed to fit easily into the outer case, allowing for reduced number of outer case parts.




Similar Part No. - LTPH245

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
LTPH243 SII-LTPH243 Datasheet
157Kb / 2P
LTPH243 PRINTER
More results


Similar Description - LTPH245

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTP-637MCL103 FUJITSU-FTP-637MCL103 Datasheet
220Kb / 6P
HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
2??HIGH SPEED THERMAL PRINTER
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
fujitsu semiconductor
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
FUJITSU THERMAL PRINTER
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
logo
PHOENIX CONTACT
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com