Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH243 Datasheet (PDF) - Seiko Instruments Inc

LTPH243 Datasheet PDF - Seiko Instruments Inc
Part # LTPH243
Download  LTPH243 Download
File Size   157.29 Kbytes
Page   2 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LTPH243 PRINTER

LTPH243 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTPH243 Datasheet PDF - Seiko Instruments Inc

Part # LTPH243
Download  LTPH243 Click to download

File Size   157.29 Kbytes
Page   2 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LTPH243 PRINTER

LTPH243 Datasheet (HTML) - Seiko Instruments Inc


LTPH243 Product details

LTPH243 PRINTER

LTPH243 presents the first low power-supply
mechanism by Seiko Instruments supplementing the easy paper operation line. Using only 3V (voltage range from 2.7 to 5.6V) and due to its comfortable battery drive of only one lithium-ion or, alternatively, three Ni-MH / Ni-Cd batteries, LTPH243 is an ideal print mechanism for all portable devices such as handheld terminals in the EFT-POS market. The LTPH243 thermal printer combines extraordinary compact design and high-speed, high resolution thermal line dot printing with easiest paper installation. A lock arm either holds the platen or opens it when pushing the release lever. In addition, two springs guarantee an even pressure between thermal head and platen roller. LTPH243 is applicable for electronic cash registers, measuring instruments and analysers, various POS applications as well as communication and data terminal devices.

• High resolution printing (8 dots/mm)
• High speed, low voltage printing (30 mm/s @ 3.6V, 40.5mm/s @ 4.2V, 55.0 mm/s @ 5.6V)
• Battery operation of 3 cells Ni-MH / Ni-Cd batteries or 1 cell of lithium-ion batteries for hand-held applications
• Low 2.7 to 5.6V power supply operation
• Improved operability of paper installation and head cleaning by release lever operation
• Compact and lightweight (approx. 46g)
• Low noise thermal line dot printing
• Design to fit easily into the outer case (reduced number of outer case parts)




Similar Part No. - LTPH243

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
LTPH245 SII-LTPH245 Datasheet
841Kb / 64P
LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
More results


Similar Description - LTPH243

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
Printer Solenoid Driver
logo
Analog Microelectronics
AT7601F AME-AT7601F Datasheet
182Kb / 35P
Printer Port Controller
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
LD78F6DF-1 SENSORTECHNICS-LD78F6DF-1 Datasheet
580Kb / 4P
Laser Printer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com