Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH243 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # LTPH243
Description  LTPH243 PRINTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH243 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  LTPH243 Datasheet HTML 1Page - Seiko Instruments Inc LTPH243 Datasheet HTML 2Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LTP
LTP Series
LTPH243 PRINTER
LTPH243 presents the first low power-supply
mechanism by Seiko Instruments supplemen-
ting the easy paper operation line. Using only
3V (voltage range from 2.7 to 5.6V) and due
to its comfortable battery drive of only one
lithium-ion or, alternatively, three Ni-MH /
Ni-Cd batteries, LTPH243 is an ideal print
mechanism for all portable devices such as
handheld terminals in the EFT-POS market.
The LTPH243 thermal printer combines extra-
ordinary compact design and high-speed, high
resolution thermal line dot printing with
easiest paper installation. A lock arm either
holds the platen or opens it when pushing the
release lever. In addition, two springs guaran-
tee an even pressure between thermal head
and platen roller. LTPH243 is applicable for
electronic cash registers, measuring instru-
ments and analysers, various POS applications
as well as communication and data terminal
devices.
• High resolution printing (8 dots/mm)
• High speed, low voltage printing
(30 mm/s @ 3.6V, 40.5mm/s @ 4.2V,
55.0 mm/s @ 5.6V)
• Battery operation of 3 cells Ni-MH /
Ni-Cd batteries or 1 cell of lithium-ion
batteries for hand-held applications
• Low 2.7 to 5.6V power supply operation
• Improved operability of paper installation
and head cleaning by release lever
operation
• Compact and lightweight (approx. 46g)
• Low noise thermal line dot printing
• Design to fit easily into the outer case
(reduced number of outer case parts)
LTPH243
Model
LTPH243
Printing
Method
Thermal line dot system
No. of dots/line
384
Resolution
8 dots/mm
Width (mm)
48
Paper feed pitch (mm)
0.125
Speed (mm/s)
30.0 @ 3.6V, 40.5 @ 4.2V, 55.0 @ 5.6V
Detection
Head temperature
By thermistor
Platen position detection
By mechanical switch
Out-of-paper detection
By photo interrupter
Dimensions (WxDxH) mm
1
76,8 x 38.0 x 16.0
Weight (g)
2
46
Power Supply
Operating voltage
3
Vdd line: 3.0V to 3.6V; Vp line: 2.7V to 5.6V
Current consumption (average)
4
2.2 Max. @ 3.6V, 3.4 Max. @ 5.6V, 2.5 Max. @ 4.2V
Servie life
Pulse activation
min. 100 million pulses (12.5% print ratio)
Abrasion resistance
50 km or more
Operating temperature (°C)
–5 to +50
Storage temperature (°C)
–25 to +70
Paper
Width (mm)
58 +0/-1
Path
Curved
Paper feed force
0.49N (50gf) or more
Paper hold force
0.78N (80gf) or more
1 Dimensions exclude those of the lever and platen frame
2 Weight includes all parts
3 Equivalent to three Ni-Cd or Ni-MH batteries, or one Lithium-ion battery
4 When the number of simultaneously activated dots is specified as 64
DB_LTPH243
25.05.01
10:58 Uhr
Seite 1


Similar Part No. - LTPH243

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
LTPH245 SII-LTPH245 Datasheet
841Kb / 64P
LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
More results

Similar Description - LTPH243

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
Printer Solenoid Driver
logo
Analog Microelectronics
AT7601F AME-AT7601F Datasheet
182Kb / 35P
Printer Port Controller
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
LD78F6DF-1 SENSORTECHNICS-LD78F6DF-1 Datasheet
580Kb / 4P
Laser Printer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com