Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 6Page - Seiko Instruments Inc LTPH245 Datasheet HTML 7Page - Seiko Instruments Inc LTPH245 Datasheet HTML 8Page - Seiko Instruments Inc LTPH245 Datasheet HTML 9Page - Seiko Instruments Inc LTPH245 Datasheet HTML 10Page - Seiko Instruments Inc LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
1-3
Allow for movement of the FFC when designing the outer case because the FFC will shift 1 to
2 mm from the thermal head moving. Also, design the outer case so that it prevents the
paper feed out from being caught in the platen.
For the position in which the
platen block should be fixed,
and the way it is mounted,
follow the instructions shown
in Figure 7-1.
Since the printer mechanism
does not have the function to
prevent
paper
from
sliding,
design the outer case so that
the paper is guarded securely.
Design so that the
paper feed load is
0.49N (50 gf) or
less.
As to the center of the rotation of the
cover of the platen block that is
mounted,
follow
the
instructions
shown in Figure 7-1
.
The lever should be used when removing and
installing the platen block. It should never be
pulled by force.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com