Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc LTPH245 Datasheet HTML 16Page - Seiko Instruments Inc LTPH245 Datasheet HTML 17Page - Seiko Instruments Inc LTPH245 Datasheet HTML 18Page - Seiko Instruments Inc LTPH245 Datasheet HTML 19Page - Seiko Instruments Inc LTPH245 Datasheet HTML 20Page - Seiko Instruments Inc LTPH245 Datasheet HTML 21Page - Seiko Instruments Inc LTPH245 Datasheet HTML 22Page - Seiko Instruments Inc LTPH245 Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
3-6
3.4.1
Motor Drive Circuit
(1) Sample Drive Circuit
Sample drive circuits for the motor are shown in Figure 3-3.
19
4
5
3.3K
Ω
1%
2.7K
Ω
1%
0.1
µF
µPC1060
2
3
0.1
µF
1
9
1
11
20
14
13
8
11
3
16
4
2
13
17
14
13
20
11
1
9
4
1
3
2
15
6
1
15
14
7
6
10
12
12
2
3
18
19
6
15
4
5
0.51
Ω
1%
1/2W
0.51
Ω
1%
1/2W
10
µF
50V
10
µF
50V
1K
Ω
1%
1K
Ω
1%
3K
Ω
1%
3K
Ω
1%
10K
Ω
10K
Ω
74HC32
74HC32
NC
NC
0.1
µF
PH1
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vp
Vp
B
A
B
A
0.01
µF
10%,10%
1.8K
Ω
1%
1SS294
PH2
PH3
PH4
CTCRL
0.01
µF
10%,10%
0.01
µF
10%,10%
0.01
µF
10%,10%
18
3
2
LB1843V
LB1843V
74HC123A
5
17
9
12
Figure 3-3 Sample Drive Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com