Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 49 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 49 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 45Page - Seiko Instruments Inc LTPH245 Datasheet HTML 46Page - Seiko Instruments Inc LTPH245 Datasheet HTML 47Page - Seiko Instruments Inc LTPH245 Datasheet HTML 48Page - Seiko Instruments Inc LTPH245 Datasheet HTML 49Page - Seiko Instruments Inc LTPH245 Datasheet HTML 50Page - Seiko Instruments Inc LTPH245 Datasheet HTML 51Page - Seiko Instruments Inc LTPH245 Datasheet HTML 52Page - Seiko Instruments Inc LTPH245 Datasheet HTML 53Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
5-2
5.2
MOTOR DRIVE TIMING
To print, the phase of motors need to be synchronized with that of the thermal head.
As example, the print method which divides one dot line to two groups; the block 1,3, and 5 and the
block 2,4, and 6, and prints each group data for each step of the motor is described below.
The basic pulse width of the motor drive pulse, Tm, is a value (unit: msec) of the reciprocal number of
the driving frequency calculated using equation (1) of "3.3 PAPER FEED CHARACTERISTICS".
Pause State
Transfer the print data to the thermal head according to "5.1 THERMAL HEAD DRIVE
TIMING".
Start up phase
Excite the phase which is output just before the motor stops for the time of the start up step
shown in Table 3-5.
1st line, 1st step
Drive the motor by one step (1st step). The step time should be the acceleration 1st step time
or Tm, whichever is longer.
Set DST for the block 1, 3, and 5 to “High” in synchronization with the motor drive.
After setting DST to “High”, set DST to “Low” when the driving time calculated in “3.6
CONTROLLING THE HEAD ACTIVATION (DST) PULSE WIDTH” has passed.
Move to the 2nd step after completion of the 1st step time of the motor and the activation of
blocks 1, 3, 5.
1st line, 2nd step
Drive the motor by one step (2nd step). As to how much step time is output, compare Tm with
the time that was taken in the previous step.
(1) In case Tm < the time that was taken in the previous step,
the next closest acceleration step time to the previous step time or Tm, which is longer, is
output.
(2) in case Tm > the time that was taken in the previous step,
the closest acceleration step time to Tm and the acceleration step time that is larger than Tm,
are output.
Set DST for blocks 2, 4, and 6 to “High” in synchronization with the motor drive. After setting
DST to “High”, set DST to “Low” after completion of the head activation time. Transfer the print
data of the next dot line to the thermal head after completion of printing for blocks 2, 4, and 6.
Move to the 2nd dot line after completion of the 2nd step time of the motor and the transfer of
print data for the next dot line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com