Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 54 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 54 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 50Page - Seiko Instruments Inc LTPH245 Datasheet HTML 51Page - Seiko Instruments Inc LTPH245 Datasheet HTML 52Page - Seiko Instruments Inc LTPH245 Datasheet HTML 53Page - Seiko Instruments Inc LTPH245 Datasheet HTML 54Page - Seiko Instruments Inc LTPH245 Datasheet HTML 55Page - Seiko Instruments Inc LTPH245 Datasheet HTML 56Page - Seiko Instruments Inc LTPH245 Datasheet HTML 57Page - Seiko Instruments Inc LTPH245 Datasheet HTML 58Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
6-3
6.1.3
Precautions for Securing the Printer
Pay attention to the following when designing the case and securing the printer. Failure to follow these
instructions may cause deterioration of print quality, paper skew, paper jam, noise or damage.
Prevent excessive force or torsion when securing the printer.
Remove the platen block before securing the printer.
The bracket for the platen block is made of aluminum. Secure it with an appropriate torque.
Design the case so that the thermal head control terminals can move 1 to 2 mm to compensate
for the head moving.
If the FFC for the thermal head control touches the bottom of the outer case, the FFC will
disconnect and/or short-circuit. Leave a space of approximately 0.3 mm between the bottom of
the outer case where the FFC passes through and the bottom of the printer mechanism.
Secure the platen block to the printer correctly as shown in Figure 7-1. The platen block should
not be used in any other way than as described in Figure 7-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com