Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 55 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 55 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 51Page - Seiko Instruments Inc LTPH245 Datasheet HTML 52Page - Seiko Instruments Inc LTPH245 Datasheet HTML 53Page - Seiko Instruments Inc LTPH245 Datasheet HTML 54Page - Seiko Instruments Inc LTPH245 Datasheet HTML 55Page - Seiko Instruments Inc LTPH245 Datasheet HTML 56Page - Seiko Instruments Inc LTPH245 Datasheet HTML 57Page - Seiko Instruments Inc LTPH245 Datasheet HTML 58Page - Seiko Instruments Inc LTPH245 Datasheet HTML 59Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
6-4
6.2
LAYOUT OF PRINTER AND PAPER
The printer can be laid out as shown in Figure 6-3 according to the loading direction of the
paper.
Design the paper outlet with an angle of 60 to 90
°.
Design the paper inlet with an angle of 90
° or more.
Figure 6-3 Paper Path
6.3
WHERE TO MOUNT THE PAPER HOLDER
When determining the layout of the paper holder, note the following:
Hold the paper so that the paper is straight to the paper inlet without any horizontal shifting, and
the center axis of the paper roll is parallel with the printer.
Keep the paper feed force to 0.49N (50 gf) or less.
Mount the platen block to the paper holder cover.
For the rotation support point, see CHAPTER 7 APPEARANCE AND DIMENSIONS.
6.4
SETTING THE PAPER
Follow these precautions when setting the paper.
Be sure to use the recommended paper described in this technical reference.
Place the paper roll into the holder facing the thermal surface outward. Also, do not use paper
with edges that are pasted or have turnups at the start of the roll. If they need to be used
unavoidably, replace with new paper roll as soon as possible before the entire roll is used up.
Keep the paper feed force to 0.49N (50 gf) or less.
PAPER DETECTOR
THERMAL PAPER ROLL
The distance between the paper detector and
the heat element is approximately 7 mm.
THERMAL
HEAD
PLATEN
HEAT ELEMENT
Paper outlet angle (
θ
1): 60
°≤
θ
1
≤90°
Paper inlet angle (
θ
2):
θ
2
≥90°
θ
1
Facing thermal surface outward
θ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com