Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 35 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 35 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 31Page - Seiko Instruments Inc LTPH245 Datasheet HTML 32Page - Seiko Instruments Inc LTPH245 Datasheet HTML 33Page - Seiko Instruments Inc LTPH245 Datasheet HTML 34Page - Seiko Instruments Inc LTPH245 Datasheet HTML 35Page - Seiko Instruments Inc LTPH245 Datasheet HTML 36Page - Seiko Instruments Inc LTPH245 Datasheet HTML 37Page - Seiko Instruments Inc LTPH245 Datasheet HTML 38Page - Seiko Instruments Inc LTPH245 Datasheet HTML 39Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
3-22
3.6.7
Heat Storage Coefficient
In high speed printing, a difference in temperature arises between the rise in temperature of the thermal
head due to head activation and the temperature detected by the thermistor. Therefore, the activation
pulse must be corrected by simulating a rise in the temperature of the thermal head.
No correction is needed when the print ratio is low. When correction is not needed, set “1” as the heat
storage coefficient.
The heat storage coefficient is calculated as follows:
1)
Prepare the heat storage software counters to simulate heat storage.
(a) Heat storage due to head activation
The heat storage counter counts up in each print period as follows.
T’=T+
T : Heat storage counter value
N : Number of the activated dots
(b) Radiation
The heat storage counter value is multiplied by the radiation coefficient in each 2 msec.
T’=T
×K
K : Radiation coefficient 0.996
2)
Calculate the heat storage coefficient with the following equation (9).
Equation (9)
D=1-
31936
N
6
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com