Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 45 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 45 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 41Page - Seiko Instruments Inc LTPH245 Datasheet HTML 42Page - Seiko Instruments Inc LTPH245 Datasheet HTML 43Page - Seiko Instruments Inc LTPH245 Datasheet HTML 44Page - Seiko Instruments Inc LTPH245 Datasheet HTML 45Page - Seiko Instruments Inc LTPH245 Datasheet HTML 46Page - Seiko Instruments Inc LTPH245 Datasheet HTML 47Page - Seiko Instruments Inc LTPH245 Datasheet HTML 48Page - Seiko Instruments Inc LTPH245 Datasheet HTML 49Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
4-2
Table 4-2 Thermal Head Control Terminal Assignments
Terminal
Number
Signal Name
Input/
Output
Function
1
Vp
Input
Thermal head drive voltage
2
Vp
Input
Thermal head drive voltage
3
GND
-
GND
4
GND
-
GND
5
GND
-
GND
6
DAT
Input
Print data input (serial input)
7
CLK
Input
Synchronizing signal for print data transfer
8
LATCH
Input
Print data latch (memory storage)
9
DST6
Input
Thermal head print activation instruction signal
10
DST5
Input
Thermal head print activation instruction signal
11
DST4
Input
Thermal head print activation instruction signal
12
DST3
Input
Thermal head print activation instruction signal
13
DST2
Input
Thermal head print activation instruction signal
14
DST1
Input
Thermal head print activation instruction signal
15
TH
-
Thermistor
16
Vdd
Input
Logic power supply (5V)
17
GND
-
GND
18
GND
-
GND
19
Vp
Input
Thermal head drive voltage
20
Vp
Input
Thermal head drive voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com