Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 41 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 41 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 37Page - Seiko Instruments Inc LTPH245 Datasheet HTML 38Page - Seiko Instruments Inc LTPH245 Datasheet HTML 39Page - Seiko Instruments Inc LTPH245 Datasheet HTML 40Page - Seiko Instruments Inc LTPH245 Datasheet HTML 41Page - Seiko Instruments Inc LTPH245 Datasheet HTML 42Page - Seiko Instruments Inc LTPH245 Datasheet HTML 43Page - Seiko Instruments Inc LTPH245 Datasheet HTML 44Page - Seiko Instruments Inc LTPH245 Datasheet HTML 45Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
3-28
3.7
PAPER DETECTOR
The printer has a built-in paper detector (reflection type photo interruptor) to detect whether paper is
present or not.
An external circuit should be designed so that it detects output from the paper detector and does not
activate the thermal head and motor when there is no paper. Doing not so may cause damage to the
thermal head or platen roller or shorten the life of the head significantly. If the motor is drived when it is
out-of paper, a load is put on the reduction gear and the life of the gear may be shortened.
3.7.1
General Specifications
Table 3-12 Absolute Maximum Ratings of Detectors
(at 25
°C)
Item
Symbol
Rating
Forward current
IF
50 mA
Reverse voltage
VR
5 V
LED (input)
Allowable current
P
70 mW
Collector-to-emitter
voltage
VCEO
20 V
Emitter-to-collector
voltage
VECO
5 V
Collector current
IC
20 mA
Phototransistor
(output)
Collector loss
PC
70 mW
Operating temperature
Topr
-20
°C to + 80°C
Storage temperature
Tstg
-30
°C to + 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com