Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc LTPH245 Datasheet HTML 16Page - Seiko Instruments Inc LTPH245 Datasheet HTML 17Page - Seiko Instruments Inc LTPH245 Datasheet HTML 18Page - Seiko Instruments Inc LTPH245 Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
3-2
Table 3-1 General Specifications (Continued)
Item
Specification
Operating temperature range
-5
°C to 50°C 3
No condensation
Storage temperature range
-25
°C to 70°C 3
No condensation
Life span (at 25
°C and rated energy)
Activation pulse resistance
Abrasion resistance
100 million pulses or more (print ratio=12.5%)
50 km or more
Paper width
58
mm
Paper feeding force
0.49N (50 gf) or more
Paper holding force
0.78N (80 gf) or more
Dimensions (width
×depth×height)
76.8
× 38.0 × 16.0 mm (excluding lever)
Weight
Approximately 46 g
Recommended thermal paper
TF50KS-E2C
(65
µm paper)
TP50KJ-R
(65
µm paper)
AP50KS-E
(65
µm paper)
from Nippon Paper Industries
HP220-AB1
(65
µm paper)
from Mitsubishi Paper Industries
PD160R-N
(75
µm paper) 4
from Oji Paper Industries
3
Outside this range, prining may blot or be light.
4
When the print ratio is high, this thermal paper may generate a noise during printing.
5
The paper roll should be placed facing the thermal surface outward (See Figure 6-3). Also, do not use paper with
edges that are pasted or have turnups at the start of the roll. If they need to be used unavoidably, replace with new
paper roll as soon as possible before the entire roll is used up.
+0
- 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com