Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 40 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 40 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 36Page - Seiko Instruments Inc LTPH245 Datasheet HTML 37Page - Seiko Instruments Inc LTPH245 Datasheet HTML 38Page - Seiko Instruments Inc LTPH245 Datasheet HTML 39Page - Seiko Instruments Inc LTPH245 Datasheet HTML 40Page - Seiko Instruments Inc LTPH245 Datasheet HTML 41Page - Seiko Instruments Inc LTPH245 Datasheet HTML 42Page - Seiko Instruments Inc LTPH245 Datasheet HTML 43Page - Seiko Instruments Inc LTPH245 Datasheet HTML 44Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
3-27
3.6.10
Detecting Abnormal Temperatures of the Thermal Head
To protect the thermal head and to ensure personal safety, abnormal thermal head temperatures must
be detected by both hardware and software as follows:
Detecting abnormal temperatures by software
Design software that will deactivate the heat elements if the thermal head thermistor (TH)
detects a temperature 80
°C or higher (thermistor resistance RTH ≤ 2.48 kΩ), and reactivate the
heat elements when a temperature of 60
°C or lower (RTH ≥ 4.46 kΩ) is detected. If the thermal
head continues to be activated at a temperature higher than 80
°C, the life of the thermal head
may be shortened significantly.
Detecting abnormal temperatures by hardware
If the control unit (CPU) malfunctions, the software for detecting abnormal temperatures may not
function properly, resulting in overheating of the thermal head. Overheating of the thermal head
may cause damage to the thermal head or injury.
Always use hardware in conjunction with software for detecting abnormal temperatures to
ensure personal safety.
(If the control unit malfunctions, it may be impossible to prevent
damage to the thermal head even if a detection of abnormal temperature is detected by
hardware.)
Using a window comparator circuit or similar detector, design hardware that detects the
following abnormal conditions:
(a) Overheating of the thermal head (approximately 100
°C or higher (RTH ≤ 1.47 kΩ)).
(b) Faulty thermistor connection (the thermistor may be open or short-circuited).
If (a) and (b) are detected, immediately deactivate the heat elements.
Reactivate the heat
elements after the temperature of the thermal head has returned to normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com