Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 38 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 38 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 34Page - Seiko Instruments Inc LTPH245 Datasheet HTML 35Page - Seiko Instruments Inc LTPH245 Datasheet HTML 36Page - Seiko Instruments Inc LTPH245 Datasheet HTML 37Page - Seiko Instruments Inc LTPH245 Datasheet HTML 38Page - Seiko Instruments Inc LTPH245 Datasheet HTML 39Page - Seiko Instruments Inc LTPH245 Datasheet HTML 40Page - Seiko Instruments Inc LTPH245 Datasheet HTML 41Page - Seiko Instruments Inc LTPH245 Datasheet HTML 42Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
3-25
3.6.9
Thermistor Resistance
The resistance of the thermistor at the operating temperature TX (
°C) is determined using the following
equation (10).
Equation (10):
RX:
Resistance at operating temperature Tx (
°C)
R25:
15 k
Ω ± 10% (25°C)
B:
3440 k
± 3%
TX:
Operating temperature (
°C)
EXP (A): The Ath power of natural logarithm e (2.71828)
[Rating]
Operating temperature range: -40
°C to +125°C
Figure 3-11 Thermistor Resistance vs. Temperature
1
1
RX=R25
× EXP
B
×
 - 
273 + TX
298
RESISTANCE
(k
Ω
Ω
Ω
Ω)
1000
100
10
1
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE (
°°°°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com