Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 5Page - Seiko Instruments Inc LTPH245 Datasheet HTML 6Page - Seiko Instruments Inc LTPH245 Datasheet HTML 7Page - Seiko Instruments Inc LTPH245 Datasheet HTML 8Page - Seiko Instruments Inc LTPH245 Datasheet HTML 9Page - Seiko Instruments Inc LTPH245 Datasheet HTML 10Page - Seiko Instruments Inc LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
1-2
1.2
DESIGN AND HANDLING PRECAUTIONS
To maintain the initial level of performance of the printer and to prevent future problems from occurring,
observe the following precautions.
1.2.1
Design Precautions
If too much energy is applied to the thermal head, it may overheat and become damaged.
Always use the printer with the specified amount of energy.
Do not apply a pulse of 2V and 20 nsec or higher to each signal terminal of the thermal head.
Use C-MOS IC chips (74HC240 or equivalent) for interfacing the CLK, LATCH, DAT and DST
signals of the thermal head.
When turning the power on or off, always DISABLE (put in “Low” state) the DST terminals.
To prevent the thermal head from being damaged by static electricity:
•
Fix the printer to the Frame Ground (FG) with the FG connector as shown in Figure 7-2.
•
Connect the GND terminal (SG) to FG through 1 M
Ω resistor so that the electric potential
of the SG of the thermal head and the FG of the printer are equal.
Keep the Vp power off when not printing to prevent the thermal head from becoming
electrically corroded.
Wire resistance should be 50 m
Ω or less (however the less the better) between the power
supply and the Vp, and the GND terminals on the thermal head controller.
Maintain a
considerable distance from signal lines to reduce electrical interference.
The surge voltage between Vp and GND should not exceed 10 V.
As a noise countermeasure, connect the capacitor noted below between the Vdd and GND
terminals near the thermal head control connector.
Vp
↔ GND:
approximately 10
µF
Vdd
↔ GND:
approximately 1
µF
When turning the power on or off, perform the Vp and Vcc simultaneously or in the order of 1)
and 2) as follows:
At power ON:
1) Vcc (5 V)
→ 2) Vp
At power OFF:
1) Vp
→
2) Vcc (5 V)
Always monitor the output of the platen position sensor and paper detector. Incorrect
activation of the thermal head may damage and reduce the longevity of the thermal head and
the platen.
Design the outer case so that the paper detector is not affected by light from outside. Since a
reflection type photo interrupter is used in the paper detector, the detector may be affected by
light from outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com