Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 29Page - Seiko Instruments Inc LTPH245 Datasheet HTML 30Page - Seiko Instruments Inc LTPH245 Datasheet HTML 31Page - Seiko Instruments Inc LTPH245 Datasheet HTML 32Page - Seiko Instruments Inc LTPH245 Datasheet HTML 33Page - Seiko Instruments Inc LTPH245 Datasheet HTML 34Page - Seiko Instruments Inc LTPH245 Datasheet HTML 35Page - Seiko Instruments Inc LTPH245 Datasheet HTML 36Page - Seiko Instruments Inc LTPH245 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
3-20
3.6.3
Calculation of Head Activation Voltage
Calculate the applied voltage using equation (5).
Equation (5):
V=Vp
× 0.98 - 1.26
Vp: Head activation voltage (V)
3.6.4
Calculation of Head Resistance
A drop in voltage occurs depending on the wiring resistance.
Calculate the head resistance using
equation (6).
Equation (6):
RH: Head resistance depending on resistance ranks
rank A (178.6 - 195.5
Ω):
195.5 (
Ω)
rank B (161.6 - 178.5
Ω):
178.5 (
Ω)
rank C (144.5 - 161.5
Ω):
161.5 (
Ω)
25: Wiring resistance in the thermal head (
Ω)
RC: Common terminal wiring resistance in the thermal head:
0.2 (
Ω)
rC:
Wiring resistance between VP and GND (
Ω) 1
N:
Number of dots driven simultaneously
1
It indicates a series resistance of wire and relay switching circuits used between the FFC terminals and power
supply.
( RH + 25 + (RC + rC )
× N ) 2
R=

RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com