Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 4Page - Seiko Instruments Inc LTPH245 Datasheet HTML 5Page - Seiko Instruments Inc LTPH245 Datasheet HTML 6Page - Seiko Instruments Inc LTPH245 Datasheet HTML 7Page - Seiko Instruments Inc LTPH245 Datasheet HTML 8Page - Seiko Instruments Inc LTPH245 Datasheet HTML 9Page - Seiko Instruments Inc LTPH245 Datasheet HTML 10Page - Seiko Instruments Inc LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
1-1
1
PRECAUTIONS
Read through this manual to design and operate the printer properly.
Pay special attention to the precautions noted in each section.
1.1
SAFETY PRECAUTIONS
Follow these precautions when designing a product using the printer, and include any necessary
precautions and warning labels to ensure the safe operation of your product by users.
Preventing the thermal head from overheating
When electricity is continuously supplied to the thermal head heat element by a CPU or other
malfunction, the thermal head may overheat, causing smoke and fire.
Follow the method described in Section 3.6.10 to monitor the temperature of the thermal
head to prevent overheating.
Turn the printer off immediately if any abnormal conditions occur.
Preventing the user from touching the thermal head and motor
Warn the user not to touch the thermal head, its periphery or motor as they are hot during and
immediately after printing.
Failure to follow this instruction may lead to personal injury
including burns.
Also, allow cooling by designing clearance between the head, motor and the outer case.
Preventing the user from touching the rotary drive portion
Design the product so that the motor does not operate when the outer case and platen block
are open. The user could be caught in the motor when the drive gear is exposed.
CHAPTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com